Electronic Components Datasheet Search
  English  ▼

X  

WM8816 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM8816
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
8
TEST REGISTER
When bit 1 in register CR5 is set, MUTEB becomes an output pin. Bits 2, 3 and 4 select different
internal signals which can then be seen via the MUTEB pin.
DATA BYTE BITS
CONDITION
76
54
32
10
FUNCTION
Normal (MUTEB
configured as input)
0
0
0
0
0
0
0
1
Latch the new gain value to resistor network
0
0
0
0
0
0
1
0
Left delay generator
0
0
0
0
0
1
1
0
Left peak detector
00
00
10
10
Left zero crossing
0
0
0
0
1
1
1
0
Left enable for zero crossing and delay generator
0
0
0
1
0
0
1
0
Right delay generator
0
0
0
1
0
1
1
0
Right peak detector
00
01
10
10
Right zero crossing
Test Mode
(MUTEB configured
as output)
0
0
0
1
1
1
1
0
Right enable for zero crossing and delay generator
Table 2 Test Register Description
PERFORMANCE GRAPHS
Figure 2 THD + Noise versus input level at gains of +6dB, 0dB, -6dB, -12dB and mute
Figure 3 FFT of output signal with 1kHz, 1V rms sine wave input
-120
-70
-110
-100
-90
-80
(dB)
THD+N
-60
+10
-50
-40
-30
-20
-10
+0
Input Signal Level (dBV)
5k
30k
10k
15k
20k
25k
Frequency (Hz)
-140
+0
-120
-100
-80
-60
-40
-20
d
B
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com