Electronic Components Datasheet Search
  English  ▼

X  

WM8816 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Advanced Information
WM8816
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
9
Figure 4 FFT of output signal with 10kHz, 1V rms sine wave input
POWER SUPPLY DECOUPLING
For best audio performance, all digital activities should be avoided during analogue signal
processing. Special attention should be paid to power and ground decoupling. If possible separate
analogue and digital power supplies should be used. A clean analogue power supply should be used
for AVDD. DVDD should be the same as AVDD to avoid latch-up phenomena. Decoupling capacitors
should be located as close to the WM8816 as possible.
5k
30k
10k
15k
20k
25k
Frequency (Hz)
-140
+0
-120
-100
-80
-60
-40
-20
d
B
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com