Electronic Components Datasheet Search
  English  ▼

X  

WM8816 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8816 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Advanced Information
WM8816
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating
at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore susceptible to damage
from excessive static voltages. To optimise the distortion and noise performance of pins 3, 4, 13 and 14, the
on-chip ESD protection circuitry has been restricted, and consequently only achieves 300V when characterised
to the Human Body Model. Proper ESD precautions must be taken during handling and storage of this device.
As per JEDEC specification JESD22-A112-A, this product requires specific storage conditions prior to surface mount assembly. It
has been classified as having a Moisture Sensitivity Level of 3 and is therefore supplied in vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Input signal voltage
-20V
+20V
Positive supply voltage (AVDD to AGND, DVDD to DGND)
-0.5V
6V
Input voltage (all other pins)
-0.5V
AVDD + 0.5V
Operating temperature
-40
°C85°C
Storage temperature
-55
°C
125
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input signal voltage
-18
+18
V
Positive supply voltage
AVDD, DVDD
4.5
5
5.5
V
Negative supply voltage
AGND, DGND
0
V
Input signal grounds
LGND, RGND
0
V
Operating temperature
-20
60
60
°C
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS
AVDD = 5.0V, AGND = 0V, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs / Outputs
Input resistance
RIN
For any gain
7
10
k
Ω
Input capacitance
CIN
For any gain
2
pF
Input offset voltage
Voffset
External OP275
opamp, gain = 1
1mV
Supply current
IDD
From AVDD / AGND
2.5
5
mA
Power supply rejection ratio
(Note 1)
PSRR
From AVDD
80
dB
Gain Control
Gain range
G
-111.5
+15.5
dB
Gain step size
D
0.5
dB
Gain error (Note 1)
DE
Lowest gains
guaranteed by
design, not tested in
production.
0.5
dB
Gain match error (Note 1)
ME
Between channels
0.2
dB
Mute attenuation
MATT
113
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com