Electronic Components Datasheet Search
  English  ▼

X  

BH7601FS Datasheet(PDF) 13 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 13 Page - Rohm

Back Button BH7601FS Datasheet HTML 9Page - Rohm BH7601FS Datasheet HTML 10Page - Rohm BH7601FS Datasheet HTML 11Page - Rohm BH7601FS Datasheet HTML 12Page - Rohm BH7601FS Datasheet HTML 13Page - Rohm BH7601FS Datasheet HTML 14Page - Rohm BH7601FS Datasheet HTML 15Page - Rohm BH7601FS Datasheet HTML 16Page - Rohm BH7601FS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
13/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Operation description of each block
■
BH7602FS
How to set video input level in DC_SHFT circuit
BH7602FS is build in DC_Shift block and it operate without input coupling capacitor. It is necessary to set
input voltage of VREF (7pin) terminal to VIDEO signal input level because of enough output dynamic range.
The relation of V_IN, VREF, V_OUT in this place
V_OUT=0.7+2(V_IN-VREF+0.4)
(
eq.1)
and the input possible range of VREF is
0.4≦VREF≦1.4 [V]
(
eq.2)
It shows the relation of V_IN-V_OUT at each VREF value on Fig.6.
On the other hand, the operation range of V_OUT (VIDEO OUTPUT) becomes 0.7V~3.3V (2.6Vp-p) of the
circuit composition, and needs to adjust VREF terminal voltage to be kept this range for inputted VIDEO signal.
VREF terminal voltage and V_IN input possible range are shown in Fig.5. Caution on use, after confirming
Fig.5, adjust VREF terminal voltage.
VREF [V]
V_IN input possible
range [V]
0.4
0.0~1.3
0.5
0.1~1.4
0.6
0.2~1.5
0.7
0.3~1.6
0.8
0.4~1.7
0.9
0.5~1.8
1.0
0.6~1.9
1.1
0.7~2.0
1.2
0.8~2.1
1.3
0.9~2.2
1.4
1.0~2.3
Fig. 4 DC_Shift block equivalent circuit
f
f=2(VREF-0.4)-0.7
V_IN
VREF
V_OUT
+
-
(Y, PB, PR_IN)
(Y, PB, PR_OUT)
Fig. 5 The relation of VREF terminal voltage and
input possible range
0
1
2
3
4
01
23
V_IN [V]
Vref = 0.4V
Vref = 0.9V
Vref = 1.4V
3.3V
0.7V
V_IN
=0.5V
V_IN
=1.8V
Fig. 6 The relation of V_IN-V_OUT at each VREF value
(measurement value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com