Electronic Components Datasheet Search
  English  ▼

X  

BH7601FS Datasheet(PDF) 4 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 4 Page - Rohm

  BH7601FS Datasheet HTML 1Page - Rohm BH7601FS Datasheet HTML 2Page - Rohm BH7601FS Datasheet HTML 3Page - Rohm BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
4/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics (Unless otherwise specified, Ta=25℃,VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
ADR》
Input Voltage H
VI8H
2.0
-
Vcc
V
Input Voltage L
VI8L
0.0
-
1.0
V
Input Impedance
ZI8
65
100
135
kΩ
Pull Down Resistance
《
SCL, SDA》
Input Voltage H
VI9H
2.0
-
Vcc
V
Input Voltage L
VI9L
0.0
-
1.0
V
Input Bias Current
IB9
-10
0
10
μ
A
※
2 VIDEO part input signal : 0.5~1.5V (1.0Vp-p) sine wave, VREF pin: 0.9V
●
Block Diagram
Fig.1
BH7600AFS
BH7601FS
Fig.2
BH7602FS
Fig.3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MUTE
LINE1
OUTPUT
LINE2
OUTPUT
OUTPUT
LINE3
DET
VIDEO DRIVER
VIDEO DRIVER
VIDEO DRIVER
MUTE
MUTE
MUTE
VIDEO DRIVER
I C-BUS
CONTROL
2
YIN
YVCC
SCL
SDA
SYNC1
SYNC2
AVCC
MUTE
PBVCC
PBIN
PRVCC
PRIN
PRGND
PROUT
PBGND
PBOUT
DAGND
DET
LINE3
LINE2
LINE1
DVCC
YOUT
YGND
PEDESTAL
CLAMP
SYNC
MIX
CONTROL
SYNC
PEDESTAL
CLAMP
PEDESTAL
CLAMP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MUTE
LINE1
OUTPUT
LINE2
OUTPUT
OUTPUT
LINE3
DET
20kΩ
20kΩ
VIDEO DRIVER
VIDEO DRIVER
VIDEO DRIVER
MUTE
MUTE
MUTE
VIDEO DRIVER
I C-BUS
CONTROL
2
YIN
YVCC
SCL
SDA
VCC1
VCC2
AVCC
MUTE
PBVCC
PBIN
PRVCC
PRIN
PRGND
PROUT
PBGND
PBOUT
DAGND
DET
LINE3
LINE2
LINE1
DVCC
YOUT
YGND
1
2
3
4
5
6
8
7
9
10
11
12
13
14
15
16
17
18
19
20
YIN
TEST
PB_IN
S_VCC
S_GND
ADR
LINE2_OUT
P_GND
P_VCC
Y_OUT
DC_SHIFT
TEST
LPF1
LPF2
MUTE
LPF1
LPF2
MUTE
PB_OUT
PR_IN
PR_OUT
6dB
VIDEO DRIVER
LPF1
LPF2
MUTE
IIC-BUS
Control
D_DET
H
H
M
L
L
H
M
L
VREF
SCL
SDA
LINE3_OUT
LINE1_OUT
D-Connector
Detect
6dB
VIDEO DRIVER
6dB
VIDEO DRIVER
DC_SHIFT
DC_SHIFT
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com