Electronic Components Datasheet Search
  English  ▼

X  

BH7601FS Datasheet(PDF) 3 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 3 Page - Rohm

  BH7601FS Datasheet HTML 1Page - Rohm BH7601FS Datasheet HTML 2Page - Rohm BH7601FS Datasheet HTML 3Page - Rohm BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
3/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
BH7601FS
Electrical Characteristics (Unless otherwise specified, Ta=25℃,VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
All Circuit》
Circuit Current
ICC
13.5
27.0
40.5
mA
No signal
LINEOUT「H」Voltage
VLOH
3.5
4.25
5.0
V
(VCC=5V±5%)
LINEOUT「M」Voltage
VLOM
1.4
1.9
2.4
V
(VCC=5V±5%)
LINEOUT「L」Voltage
VLO
0.0
0.1
0.5
V
(VCC=5V±5%)
LINEOUT Impedance
ZLO
1.3
1.8
2.3
kΩ
《
Video Driver Parts》
Voltage Gain
GV
1.65
2.45
3.25
dB
VIN=0.75VP-P, f=1MHz ※1
Frequency Characteristics
VF1
-1
0
1
dB
VIN=0.75VP-P, f=1M/10MHz
MUTE Input Parts Impedance
ZMUTE
75
100
125
kΩ
MUTE「H」Level Input Voltage
VMH
2.0
-
VCC
V
MUTE「L」Level Input Voltage
VML
0-
1.0
V
PB, PR Input Impedance
ZIN
14
20
26
kΩ
《
Control Parts》
「
H」Level Input Voltage
VH
2.0
-
VCC
V
「
L」Level Input Voltage
VL
0
-
1.0
V
SDA 「L」Sink Current
ISIN
4.0
-
-
mA
DET Detection Level「H」
VDH
2.0
-
VCC
V
DET Detection Level「L」
VDL
0-
1.0
V
DET Input Bias Current
IDET
0
-2.0
-20
μ
A
※
1 Measure at separation of 75Ω+75Ω
●
Reference Value (Unless otherwise specified, Ta=25℃, VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
Video Driver Parts》
Frequency Characteristics2
VF2
-
-1
-
dB
VIN=0.53VP-P, f=1M/30MHz
Mute Attenuation
VMT
-
-40
-
dB
VIN=0.75VP-P, f=20MHz
Channel Crosstalk
CTV
-
-40
-
dB
VIN=0.75VP-P, f=20MHz
●
BH7602FS
Electrical Characteristics (Unless otherwise specified, Ta=25℃,VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
All Circuits》
VCC Circuit Current
IVCC
44
56
68
mA
No signal
VCC Circuit Current PD
IPD
-
1.5
3.0
mA
Power down
《
Video Driver Parts》
Y/PB/PR OUT Voltage Gain
G20
5.5
6.0
6.5
dB
Vin=1.0VP-P, f=100kHz
Y/PB/PR OUT
Maximum Output Level
VOM20
2.6
2.9
-
VP-P
Vin: THD=1.0% f=10kHz
Y OUT LPF1
Frequency Characteristics 1
F1201
-5.0
-1.5
1.0
dB
Vin=1.0VP-P, f=30M/100kHz,
LPF1:ON
Y OUT LPF2
Frequency Characteristics 1
F2201
-1.5
-0.5
0.5
dB
Vin=1.0VP-P, f=13.5M/100kHz,
LPF2:ON
PB/PR OUT LPF1
Frequency Characteristics 1
F1171
-5.0
-1.5
1.0
dB
Vin=1.0VP-P, f=15M/100kHz,
LPF1:ON
PB/PR OUT LPF2
Frequency Characteristics 1
F2171
-1.5
-0.5
0.5
dB
Vin=1.0VP-P, f=6.75M/100kHz,
LPF2:ON
Y OUT LPF1
Frequency Characteristics 2
F1202
-
-45
-28
dB
Vin=1.0VP-P, f=74.25M/100kHz,
LPF1:ON
Y OUT LPF2
Frequency Characteristics 2
F2202
-
-40
-28
dB
Vin=1.0VP-P, f=54M/100kHz,
LPF2:ON
PB/PR OUT LPF1
Frequency Characteristics 2
F1172
-
-45
-28
dB
Vin=1.0VP-P, f=37.125M/100kHz,
LPF1:ON
PB/PR OUT LPF2
Frequency Characteristics 2
F2172
-
-40
-28
dB
Vin=1.0VP-P, f=27M/100kHz,
LPF2:ON
MUTE Attenuation
MT20
--65
-55dB
Vin=1.0VP-P, f=4.43MHz
Channel Crosstalk
MTCH
--65
-55dB
Vin=1.0VP-P, f=4.43MHz
《
D_DET》
Input Voltage H
VI14H
4.0
-
VCC
V
Input Voltage M
VI14L
0.0
-
1.0
V
Input Impedance
ZI14
100
150
200
kΩ
Pull Up Resistance
《
LINE_OUT》
Output Voltage H
VO13H
4.2
4.5
4.8
V
Output Voltage M
VO13M
1.7
2.0
2.3
V
Output Voltage L
VO13L
0.0
0.1
0.5
V
Input Impedance
ZO13
0.5
0.9
1.3
kΩ
Pull Down Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com