Electronic Components Datasheet Search
  English  ▼

X  

BH7601FS Datasheet(PDF) 1 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 1 Page - Rohm

  BH7601FS Datasheet HTML 1Page - Rohm BH7601FS Datasheet HTML 2Page - Rohm BH7601FS Datasheet HTML 3Page - Rohm BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
High-performance System Video Driver Series
Wide Band 3-output
Video Driver
BH7600AFS, BH7601FS, BH7602FS
●
Description
BH7600AFS, BH7601FS and BH7602FS is wide band 3-output video driver for high-definition television system. This video
driver is built in the DC output circuits (LINE1, LINE2, LINE3 output ) for D terminal and detector to connect. And they have
line-up build in sync-mix, DC shift input, selectable LPF every applications.
●
Features
1) Built-in the DC output circuits (LINE1, LINE2, LINE3) / detector to connect.
2) Built-in OUTPUT MUTE circuit
3) I
2C BUS control
4) Pedestal clamp input with sync mix (BH7600AFS)
5) Sync tip clamp input 1ch, bias input 2ch (BH7601FS)
6) Possible to be directly connected with DAC by DC shift circuit (BH7602FS)
7) Built-in power down function (BH7602FS)
●
Applications
DVD Player, DVD Recorder, DVC, DSC, STB, TV and so on.
●
Line Up
Parameter
BH7600AFS
BH7601FS
BH7602FS
Input form of Py
Pedestal Clamp
With sync mix
Sync tip Clamp
DC Shift
(
Directly connected)
Input form of Pb, Pr
Pedestal Clamp
Bias Input
DC Shift
(
Directly connected)
Voltage Gain
5.5dB
8.45dB
6.0dB
Package
SSOP-A24
SSOP-A24
SSOP-A20
No.09065EAT05


Similar Part No. - BH7601FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
3ch Video driver for digital STB
More results

Similar Description - BH7601FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
WIDE BAND VIDEO PROCESSOR
Apr-1993
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
TEA5652 STMICROELECTRONICS-TEA5652 Datasheet
444Kb / 10P
WIDE BAND VIDEO PROCESSOR
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
WIDE BAND 3 CIRCUITS VIDEO SWITCH
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
Video and Wide-band Amplifier
logo
STMicroelectronics
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
WIDE BAND VIDEO PROCESSOR
Apr-1993
logo
Rohm
BA7622F ROHM-BA7622F_09 Datasheet
434Kb / 17P
Standard 3-output Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com