Electronic Components Datasheet Search
  English  ▼

X  

BH7601FS Datasheet(PDF) 2 Page - Rohm

Part # BH7601FS
Description  Wide Band 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7601FS Datasheet(HTML) 2 Page - Rohm

  BH7601FS Datasheet HTML 1Page - Rohm BH7601FS Datasheet HTML 2Page - Rohm BH7601FS Datasheet HTML 3Page - Rohm BH7601FS Datasheet HTML 4Page - Rohm BH7601FS Datasheet HTML 5Page - Rohm BH7601FS Datasheet HTML 6Page - Rohm BH7601FS Datasheet HTML 7Page - Rohm BH7601FS Datasheet HTML 8Page - Rohm BH7601FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BH7600AFS, BH7601FS, BH7602FS
Technical Note
2/16
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings ( Ta=25℃ )
※
1. 70mm×70mm×1.6mm mounting on the glass epoxy board.
※
2. For operation above Ta=25℃ free-air temperature, power dissipation is decreasing
8.0mW/℃(SSOP-A24), 7.5mW/℃ (SSOP-A20).
●
Operating Voltage Range
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
(BH7600AFS/BH7601FS)
Vcc
4.5
5.0
5.5
V
Supply Voltage
(BH7602FS)
Vcc
4.5
5.0
5.25
V
●
BH7600AFS
Electrical Characteristics (Unless otherwise specified, Ta=25℃,VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
All Circuits》
Circuit Current
ICC
10.8
21.5
32.3
mA
No Signal
LINEOUT「H」Voltage
VLOH
4.0
4.9
5.0
V
LINEOUT「M」Voltage
VLOM
1.5
1.9
2.3
V
LINEOUT「L」Voltage
VLOL
0.0
0.2
0.5
V
LINEOUT Impedance
ZLO
1.3
1.8
2.3
kΩ
《
Video Driver Parts》
Voltage Gain
GV
-1
-0.5
0
dB
VIN=1VP-P, f=1MHz ※1
Frequency Characteristics 1
VF1
-1
0
1
dB
VIN=1VP-P, f=1M/10MHz
MUTE Input Parts Impedance
ZIN
75
100
125
kΩ
MUTE「H」Level Input Voltage
VMH
2.0
-
VCC
V
MUTE「L」Level Input Voltage
VML
0
-
1.0
V
《
SYNC》
SYNC1, 2「H」Level Input Voltage
VSYNH
2.0
-
VCC
V
SYNC1, 2「L」Level Input Voltage
VSYNL
0
-
1.0
V
SYNC Input Bias Current
ISYN
0
-2.0
20
μ
A
SYNC Mix Level
VSYL
270
300
330
mV
《
Control Parts》
「
H」Level Input Voltage
VH
2.0
-
VCC
V
「
L」Level Input Voltage
VL
0
-
1.0
V
SDA「L」Sink Current
ISIN
4.0
-
-
mA
DET Detection Level「H」
VDH
2.0
-
VCC
V
DET Detection Level「L」
VDL
0
-
1.0
V
DET Input Bias Current
IDET
0
-2.0
-20
μ
A
※
1
Measure at separation of 75Ω+75Ω
●
Reference Value (Unless otherwise specified, Ta=25℃,VCC=5V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
《
Video Driver Parts》
Frequency Characteristic2
VF2
-3
-1
1
dB
VIN=0.7VP-P, f=1M/10MHz
Mute Attenuation
VMT
-
-40
-
dB
VIN=1VP-P, f=30MHz
Channel Crosstalk
CTV
-
-40
-
dB
VIN=1VP-P, f=20MHz
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
7
V
Power Dissipation
Pd
800 (SSOP-A24)
750 (SSOP-A20)
mW
Input Voltage Range
Vin
0~Vcc
V
Operating Temperature
Topr
-25~+75 (SSOP-A24)
-35~+75 (SSOP-A20)
℃
Storage Temperature
Tstg
-55~+125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com