Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 1 Page - Cirrus Logic

  CS43L22_10 Datasheet HTML 1Page - Cirrus Logic CS43L22_10 Datasheet HTML 2Page - Cirrus Logic CS43L22_10 Datasheet HTML 3Page - Cirrus Logic CS43L22_10 Datasheet HTML 4Page - Cirrus Logic CS43L22_10 Datasheet HTML 5Page - Cirrus Logic CS43L22_10 Datasheet HTML 6Page - Cirrus Logic CS43L22_10 Datasheet HTML 7Page - Cirrus Logic CS43L22_10 Datasheet HTML 8Page - Cirrus Logic CS43L22_10 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Copyright
 Cirrus Logic, Inc. 2010
(All Rights Reserved)
http://www.cirrus.com
MARCH '10
DS792F2
Low Power, Stereo DAC w/Headphone & Speaker Amps
FEATURES
98 dB Dynamic Range (A-wtd)
88 dB THD+N
Headphone Amplifier - GND Centered
–
No DC-Blocking Capacitors Required
–
Integrated Negative Voltage Regulator
–
2 x 23 mW into Stereo 16
Ω @ 1.8 V
–
2 x 44 mW into Stereo 16
Ω @ 2.5V
Stereo Analog Input Passthrough Architecture
–
Analog Input Mixing
–
Analog Passthrough with Volume Control
Digital Signal Processing Engine
–
Bass & Treble Tone Control, De-Emphasis
–
PCM Input w/Independent Vol Control
–
Master Digital Volume Control and Limiter
–
Soft-Ramp & Zero-Cross Transitions
Programmable Peak-Detect and Limiter
Beep Generator w/Full Tone Control
–
Tone Selections Across Two Octaves
–
Separate Volume Control
–
Programmable On and Off Time Intervals
–
Continuous, Periodic, One-Shot Beep
Selections
Class D Stereo/Mono Speaker Amplifier
No External Filter Required
High Stereo Output Power at 10% THD+N
–
2 x 1.00 W into 8
Ω @ 5.0 V
–
2 x 550 mW into 8
Ω @ 3.7 V
–
2 x 230 mW into 8
Ω @ 2.5 V
High Mono Output Power at 10% THD+N
–
1 x 1.90 W into 4
Ω @ 5.0 V
–
1 x 1.00 W into 4
Ω @ 3.7 V
–
1 x 350 mW into 4
Ω @ 2.5 V
Direct Battery Powered Operation
–
Battery Level Monitoring & Compensation
81% Efficiency at 800 mW
Phase-Aligned PWM Output Reduces Idle
Channel Current
Spread Spectrum Modulation
Low Quiescent Current
+1.60 V to +5.25 V
Battery
+1.65 V to +2.63 V
Digital Supply
Pulse-Width
Modulator
Battery Level Monitoring & Compensation
Multi-bit
ΔΣ DAC
+1.65 V to +3.47 V
Interface Supply
Beep
Generator
Digital Volume,
Mono Mix,
Limiter, Bass,
Treble Adjust
Left
Inputs
Σ
4
3
2
1
Summing
Amplifiers
Left HP/Line
Output
Ground-Centered
Amps
Right HP/Line
Output
+1.65 V to +2.63 V
Headphone Supply
Speaker/HP
Switch
Charge Pump
+VHP
-VHP
+1.65 V to +2.63 V
Analog Supply
Stereo/Mono
Full-Bridge
Speaker
Outputs
Class D Amps
+
-
+
-
I²C
Control
Reset
Serial
Audio
Input
Right
Inputs
Σ
4
3
2
1
CS43L22
Confidential Draft
3/4/10


Similar Part No. - CS43L22_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Similar Description - CS43L22_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com