Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS43L22_10 Datasheet HTML 37Page - Cirrus Logic CS43L22_10 Datasheet HTML 38Page - Cirrus Logic CS43L22_10 Datasheet HTML 39Page - Cirrus Logic CS43L22_10 Datasheet HTML 40Page - Cirrus Logic CS43L22_10 Datasheet HTML 41Page - Cirrus Logic CS43L22_10 Datasheet HTML 42Page - Cirrus Logic CS43L22_10 Datasheet HTML 43Page - Cirrus Logic CS43L22_10 Datasheet HTML 44Page - Cirrus Logic CS43L22_10 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
DS792F2
41
CS43L22
Confidential Draft
3/4/10
7.5.5
Audio Word Length
Configures the audio sample word length used for the data into SDIN.
Note:
When the internal MCLK/LRCK ratio is set to 125 in Master Mode, the 32-bit data width option
for DSP Mode is not valid unless SCLK=MCLK.
7.6
Interface Control 2 (Address 07h)
7.6.1
SCLK equals MCLK
Configures the SCLK signal source for Master Mode.
Note:
This bit is only valid for MCLK = 12.0000 MHz.
7.6.2
Speaker/Headphone Switch Invert
Determines the control signal polarity of the SPK/HP_SW pin.
AWL[1:0]
Audio Word Length
DSP Mode
Right Justified
00
32-bit data
24-bit data
01
24-bit data
20-bit data
10
20-bit data
18-bit data
11
16-bit data
16-bit data
Application:
“DSP Mode” on page 31
7
6
543
2
1
0
Reserved
SCLK=MCLK
Reserved
Reserved
INV_SWCH
Reserved
Reserved
Reserved
SCLK=MCLK
Output SCLK
0
Re-timed signal, synchronously derived from MCLK
1
Non-retimed, MCLK signal
INV_SWCH
SPK/HP_SW pin 6 Control
0
Not inverted
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com