Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS43L22_10 Datasheet HTML 40Page - Cirrus Logic CS43L22_10 Datasheet HTML 41Page - Cirrus Logic CS43L22_10 Datasheet HTML 42Page - Cirrus Logic CS43L22_10 Datasheet HTML 43Page - Cirrus Logic CS43L22_10 Datasheet HTML 44Page - Cirrus Logic CS43L22_10 Datasheet HTML 45Page - Cirrus Logic CS43L22_10 Datasheet HTML 46Page - Cirrus Logic CS43L22_10 Datasheet HTML 47Page - Cirrus Logic CS43L22_10 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
44
DS792F2
CS43L22
Confidential Draft
3/4/10
7.11
Miscellaneous Controls (Address 0Eh)
7.11.1
Passthrough Analog
Configures an analog passthrough from the analog inputs to the headphone/line outputs.
7.11.2
Passthrough Mute
Configures an analog mute on the channel x analog in to analog out passthrough.
7.11.3
Freeze Registers
Configures a hold on all register settings.
7.11.4
HP/Speaker De-Emphasis
Configures a 15
μs/50μs digital de-emphasis filter response on the headphone/line and speaker outputs.
7.11.5
Digital Soft Ramp
Configures an incremental volume ramp from the current level to the new level at the specified rate.
76
543
21
0
PASSTHRUB
PASSTHRUA
PASSBMUTE PASSAMUTE
FREEZE
DEEMPH
DIGSFT
DIGZC
PASSTHRUx
Analog In Routed to HP/Line Output
0
Disabled
1
Enabled
PASSxMUTE
Passthrough Mute
0
Disabled
1
Enabled
FREEZE
Control Port Status
0
Register changes take effect immediately
1
Modifications may be made to all control port registers without the changes taking effect until after the
FREEZE is disabled.
DEEMPHASIS
Control Port Status
0
Disabled
1
Enabled
DIGSFT
Volume Changes
Affected Digital Volume Controls
0
Does not occur with a soft ramp MSTxMUTE (“Master Playback Mute” on page 43),
HPxMUTE, SPKxMUTE (“Playback Control 2 (Address 0Fh)” on page 45),
PCMxMUTE, PCMxVOL[7:0] (“PCM Channel x Volume” on page 47),
MSTxVOL[7:0] (“Master Volume Control” on page 51),
HPxVOL[7:0] (“Headphone Volume Control” on page 51),
SPKxVOL[7:0] (“Speaker Volume Control” on page 52),
1
Occurs with a soft ramp
Ramp Rate:
1/8 dB every LRCK cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com