Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS43L22_10 Datasheet HTML 29Page - Cirrus Logic CS43L22_10 Datasheet HTML 30Page - Cirrus Logic CS43L22_10 Datasheet HTML 31Page - Cirrus Logic CS43L22_10 Datasheet HTML 32Page - Cirrus Logic CS43L22_10 Datasheet HTML 33Page - Cirrus Logic CS43L22_10 Datasheet HTML 34Page - Cirrus Logic CS43L22_10 Datasheet HTML 35Page - Cirrus Logic CS43L22_10 Datasheet HTML 36Page - Cirrus Logic CS43L22_10 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
DS792F2
33
CS43L22
Confidential Draft
3/4/10
5. CONTROL PORT OPERATION
The control port is used to access the registers allowing the CS43L22 to be configured for the desired op-
erational modes and formats. The operation of the control port may be completely asynchronous with re-
spect to the audio sample rates. However, to avoid potential interference problems, the control port pins
should remain static if no operation is required.
The control port operates using an I²C interface with the CS43L22 acting as a slave device.
5.1
I²C Control
SDA is a bidirectional data line. Data is clocked into and out of the device by the clock, SCL. The AD0 pin
sets the LSB of the chip address; ‘0’ when connected to DGND, ‘1’ when connected to VL. This pin may be
driven by a host controller or directly connected to VL or DGND. The AD0 pin state is sensed and the LSB
of the chip address is set upon the release of the RESET signal (a low-to-high transition).
The signal timings for a read and write cycle are shown in Figure 16 and Figure 17. A Start condition is de-
fined as a falling transition of SDA while the clock is high. A Stop condition is defined as a rising transition
of SDA while the clock is high. All other transitions of SDA occur while the clock is low. The first byte sent
to the CS43L22 after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a read,
low for a write).
The upper 6 bits of the address field are fixed at 100101. To communicate with the CS43L22, the chip ad-
dress field, which is the first byte sent to the CS43L22, should match 100101 followed by the setting of the
AD0 pin. The eighth bit of the address is the R/W bit. If the operation is a write, the next byte is the Memory
Address Pointer (MAP), which selects the register to be read or written. If the operation is a read, the con-
tents of the register pointed to by the MAP will be output. Setting the auto-increment bit in MAP allows suc-
cessive reads or writes of consecutive registers. Each byte is separated by an acknowledge bit. The ACK
bit is output from the CS43L22 after each input byte is read and is input to the CS43L22 from the microcon-
troller after each transmitted byte.
Since the read operation cannot set the MAP, an aborted write operation is used as a preamble. As shown
in Figure 17, the write operation is aborted after the acknowledge for the MAP byte by sending a stop con-
dition. The following pseudocode illustrates an aborted write operation followed by a read operation.
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0
1
AD0
0
SDA
INCR
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
Figure 16. Control Port Timing, I²C Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0 1 AD0 0
SDA
1
0
0
1
0
1 AD0 1
CHIP ADDRESS (READ)
START
INCR
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
DATA + n
STOP
Figure 17. Control Port Timing, I²C Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com