Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43L22_10 Datasheet HTML 26Page - Cirrus Logic CS43L22_10 Datasheet HTML 27Page - Cirrus Logic CS43L22_10 Datasheet HTML 28Page - Cirrus Logic CS43L22_10 Datasheet HTML 29Page - Cirrus Logic CS43L22_10 Datasheet HTML 30Page - Cirrus Logic CS43L22_10 Datasheet HTML 31Page - Cirrus Logic CS43L22_10 Datasheet HTML 32Page - Cirrus Logic CS43L22_10 Datasheet HTML 33Page - Cirrus Logic CS43L22_10 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
30
DS792F2
CS43L22
Confidential Draft
3/4/10
Note:
*The marked sample rate values are not exact representations of the actual frame clock frequency
They have been truncated to 4 decimal places. The exact value can be calculated by dividing the
MCLK being used by the desired MCLK/LRCK ratio.
Table 1. Serial Port Clocking
4.7
Digital Interface Formats
The serial port operates in standard I²S, Left-Justified, Right-Justified, or DSP Mode digital interface formats
with varying bit depths from 16 to 24. Data is clocked into the DAC on the rising edge of SCLK.
27.0000
8.0000
11
1
1
01
0
12.0000
11
0
1
01
0
24.0000
10
0
1
01
0
32.0000
01
1
1
01
0
*44.1176...
01
0
1
11
0
48.0000
01
0
1
01
0
*11.0294...
11
0
1
11
0
*22.0588...
10
0
1
11
0
16.0000
10
1
1
01
0
MCLK
(MHz)
Sample Rate,
Fs (kHz)
SPEED[1:0]
(AUTO=’0’b)
32kGROUP
VIDEOCLK
RATIO[1:0]
MCLKDIV2
LRCK
SCLK
MS B
LS B
MS B
LS B
AOUTA
Le ft C h a nne l
R i g h t C h an n e l
SDIN
AOUTB
MSB
Figure 12. I²S Format
LRCK
SCLK
MSB
LSB
MSB
LSB
Left Channel
Right Channel
SDIN
MSB
AOUTA
AOUTB
Figure 13. Left-Justified Format
LRCK
SC LK
MS B
LS B
MS B
LS B
L e f t C h an n e l
R i g h t C han ne l
SD IN
AO U TA
AO U TB
Audio W ord Length (AW L)
Figure 14. Right-Justified Format\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com