Electronic Components Datasheet Search
  English  ▼

X  

SS6526 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6526 Datasheet HTML 1Page - Silicon Standard Corp. SS6526 Datasheet HTML 2Page - Silicon Standard Corp. SS6526 Datasheet HTML 3Page - Silicon Standard Corp. SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
7.0V
Fault Flag Voltage (VFLG)
7.0V
Fault Flag Current (IFLG)
50mA
Control Input (VCTL)
-0.3V ~7V
Operating Temperature Range
-40
°C~85°C
Junction Temperature
125
°C
Storage Temperature Range
-65
°C ~ 150°C
Lead Temperature (Soldering, 10sec)
260
°C
Thermal Resistance, θJA (Junction to Ambient) DIP-8
100
°C/W
(Assume no Ambient Airflow, no Heatsink)
SOP-8
160
°C/W
MSOP-8
180
°C/W
Thermal Resistance, θJC (Junction to Case)
DIP-8……………………………………..60
°C /W
SOP-8……………………………………40
°C /W
MSOP-8………………………………….75
°C /W
Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
TEST CIRCUIT
10
Ω
SS6526
0.1
µF
C1
OFF
ON
VCC
+5V
10K R1
R4
R4
CTLA
OUTA
FLGA
IN
FLGB
GND
CTLB
OUTB
OFF
ON
10
Ω
10K R2
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com