Electronic Components Datasheet Search
  English  ▼

X  

SS6526 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. SS6526 Datasheet HTML 10Page - Silicon Standard Corp. SS6526 Datasheet HTML 11Page - Silicon Standard Corp. SS6526 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
9
APPLICATION CIRCUIT
CTLA
1
FLGA
2
FLGB
3
CTLB
4
OUTB
5
GND
6
IN
7
OUTA
8
AIC1526
0.1uF
4.7uF
USB
Controller
33uF
Bus Powered Hub
Vbus
GND
USBHost
Cable
Cable
Vbus
GND
Downstream
USBDevice
Fig. 11 Soft Start (Single Channel)
CTLA
1
FLGA
2
FLGB
3
CTLB
4
OUTB
5
GND
6
IN
7
OUTA
8
SS6526
0.1uF
4.7uF
USB
Controller
33uF
Vbus
GND
USB Host
Cable
33uF
USB
Device
USB
Device
USB Peripheral
Fig. 12 Inrush Current-Limit Application
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com