Electronic Components Datasheet Search
  English  ▼

X  

SS6526 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6526 Datasheet HTML 1Page - Silicon Standard Corp. SS6526 Datasheet HTML 2Page - Silicon Standard Corp. SS6526 Datasheet HTML 3Page - Silicon Standard Corp. SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1 ON Resistance vs. Supply Voltage
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
104
106
108
110
112
114
116
118
RL=47
Ω
TA=25°C
Temperature (
°C)
Fig. 2 Output On Resistance vs. Temperature
-40
-20
0
20
40
60
80
100
80
90
100
110
120
130
140
150
RL=47
Ω
TA=25°C
Fig. 3 UVLO Threshold Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
2.0
2.2
2.4
2.6
2.8
3.0
Rising
Falling
Fig. 4 ON-State Supply Current vs. Supply Voltage
Supply Voltage (V)
34
56
7
60
80
100
120
140
160
8
Both Switches ON
-40
-20
0
20
40
60
80
100
80
90
100
110
120
130
Both Switches ON
Fig. 5 ON State Current vs. Temperature
Temperature (
°C)
Fig. 6 OFF-State Current vs. Temperature
Temperature (°C)
-40
-20
0
2040
6080
100
0
0.02
0.04
0.06
0.08
0.10
Both Switches OFF
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com