Electronic Components Datasheet Search
  English  ▼

X  

SS6526 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. SS6526 Datasheet HTML 10Page - Silicon Standard Corp. SS6526 Datasheet HTML 11Page - Silicon Standard Corp. SS6526 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
10
PHYSICAL DIMENSIONS (unit: mm)
h
θ
L
D
e
H
E
C
B
A1
0.50
0.25
0.40
0°
1.27
8°
1.27 BSC
4.80
5.80
3.80
0.33
0.19
0.10
5.00
6.20
4.00
0.51
0.25
0.25
S
Y
M
B
O
L
A
SOP-8
MILLIMETERS
1.35
MIN.
1.75
MAX.
L
VIEW B
BASE METAL
GAUGE PLANE
WITH PLATING
B
D
e
AA
SEE VIEW B
SOP-8
SEATING PLANE
Note:
1.Refer to JEDEC MS-012AA.
2.Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 6
mil per side.
3.Dimension “E” does not include inter-lead flash or protrusions.
Inter-lead flash or protrusion shall not exceed 10 mil per side.
4.Controlling dimension is millimeter, converted inch dimensions
are not necessarily exact.
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com