Electronic Components Datasheet Search
  English  ▼

X  

SS6612 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6612 Datasheet HTML 1Page - Silicon Standard Corp. SS6612 Datasheet HTML 2Page - Silicon Standard Corp. SS6612 Datasheet HTML 3Page - Silicon Standard Corp. SS6612 Datasheet HTML 4Page - Silicon Standard Corp. SS6612 Datasheet HTML 5Page - Silicon Standard Corp. SS6612 Datasheet HTML 6Page - Silicon Standard Corp. SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.SiliconStandard.com
5 of 16
Rev.2.02 12/06/2003
SS6612
TYPICAL PERFORMANCE CHARACTERISTICS
Input battery voltage (V)
Fig. 1
No-Load Battery Current vs. Input Battery
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
120
140
160
VOUT=5V (FB=GND)
VOUT=3.3V (FB=OUT)
Supply Voltage (V)
Fig. 2
Shutdown Current vs. Supply Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
Fig. 3
Start-Up Voltage vs. Output Current
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VOUT=5V (FB=GND)
Output Current
(mA)
VOUT=3.3V (FB=OUT)
Fig. 4
Turning Point between CCM & DCM
Input Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
VOUT=5.0V (FB=GND)
VOUT=3.3V (FB=OUT)
L=22
µH
CIN=100µF
COUT=100µF
Fig. 5
Efficiency vs. Output Current (ref. to Fig.35)
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=3.6V
Output Current (mA)
VIN=2.4V
VIN=1.2V
CLSEL=OUT (ILIMIT =1A)
VOUT=5V (FB=GND)
Fig. 6
Ripple Voltage (ref. to Fig.35)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0
20
40
60
80
100
120
140
160
180
200
220
VIN=2.4V
VIN=1.2V
VOUT=5.0V
L=22µH
CIN=47µF
COUT=47µF
VIN=3.6V
CLSEL=OUT (ILIMIT =1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com