Electronic Components Datasheet Search
  English  ▼

X  

SS6612 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6612 Datasheet HTML 1Page - Silicon Standard Corp. SS6612 Datasheet HTML 2Page - Silicon Standard Corp. SS6612 Datasheet HTML 3Page - Silicon Standard Corp. SS6612 Datasheet HTML 4Page - Silicon Standard Corp. SS6612 Datasheet HTML 5Page - Silicon Standard Corp. SS6612 Datasheet HTML 6Page - Silicon Standard Corp. SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.SiliconStandard.com
1 of 16
SS6612
Rev.2.02 12/06/2003
High-Efficiency Synchronous Step-up DC/DC
Converter with Selectable Current Limit
FEATURES
High efficiency (9 3 % with VIN
=2.4V, VOUT= 3.3V,
IOUT=200mA)
Output current up to 500mA. (VIN=2.4V, at
VOUT=3.3V, CLSEL=OUT)
Quiescent supply current of 20
µA
Power-saving shutdown mode (0.1
µA typical).
Internal synchronous rectifier (no external diode
required).
Selectable current limit for reduced ripple.
Low-noise, anti-ringing feature.
On-chip low-battery detector.
Low-battery hysteresis.
Space-saving package: MSOP-10
APPLICATIONS
Palmtop & Notebook Computers.
PDAs
Wireless Phones
Pocket Organizers.
Digital Cameras.
Hand-Held Devices with 1 to 3 Cells of
NiMH/NiCd Batteries.
DESCRIPTION
The SS6612 is a high-efficiency step-up
DC/DC converter, with a start-up voltage as low
as 0.8V, and an operating voltage down to 0.7V.
Consuming only 20
µA of quiescent current,
this device includes a built-in synchronous rec-
tifier that reduces size and cost by eliminating
the need for an external Schottky diode, and
improves
overall efficiency by minimizing
losses.
The switching frequency can range up to
500KHz depending on the load and input volt-
age. The output voltage can be easily set; by
two external resistors for 1.8V to 5.5V; con-
necting FB to OUT to get 3.3V; or connecting
to GND to get 5.0V. For additional design flexibil-
ity, the peak current of the internal switch is
selectable (0.65A or 1.0A). The SS6612 also
features a circuit that eliminates noise caused
by inductor ringing.
TYPICAL APPLICATION CIRCUIT
Output 3.3V, 5.0V
or Adj. (1.8V to
5.5V) up to 300mA
Low-battery
Detect Out
SS6612
OUT
FB
GND
REF
LBO
SHDN
LX
LBI
+
ON
OFF
+
Low Battery
Detection
0.1
µF
VIN
22
µH
47
µF
47
µF
Selectable Current Limit
(1.0A or 0.65A)
CLSEL
200
Ω
BATT


Similar Part No. - SS6612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
logo
List of Unclassifed Man...
SS6611 ETC1-SS6611 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6612

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com