Electronic Components Datasheet Search
  English  ▼

X  

SS6612 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6612 Datasheet HTML 4Page - Silicon Standard Corp. SS6612 Datasheet HTML 5Page - Silicon Standard Corp. SS6612 Datasheet HTML 6Page - Silicon Standard Corp. SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. SS6612 Datasheet HTML 10Page - Silicon Standard Corp. SS6612 Datasheet HTML 11Page - Silicon Standard Corp. SS6612 Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.SiliconStandard.com
8 of 16
Rev.2.02 12/06/2003
SS6612
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
Fig. 19
Maximum Output Current vs. Input Voltage
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
100
200
300
400
500
600
700
800
Input Voltage (V)
CLSEL=GND (ILIMIT=0.65A)
CLSEL=OUT (ILIMIT=1A)
VOUT=3.3V (FB=OUT)
Input Voltage (V)
Fig. 20
Maximum Output Current vs. Input Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
600
700
800
900
CLSEL=GND (ILIMIT=0.65A)
CLSEL=OUT (ILIMIT=1A)
VOUT=5V (FB=GND)
Fig. 21
Inductor Current vs. Output Voltage
Output Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
CLSEL=OUT (ILIMIT=1A)
CLSEL=GND (ILIMIT=0.65A)
Supply Voltage (V)
Fig. 22
Switching Frequency vs. Supply Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
IOUT=100mA
VOUT=5.0V
VOUT=3.3V
Output Current (mA)
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
200
220
VIN=2.4V
VOUT=3.3V
VIN=1.2V
VOUT=3.3V
VIN=2.4V
VOUT=5V
VIN=3.6V
VOUT=5V
Fig. 23
Switching Frequency vs. Output Current
W /o Anti-Ringing
VIN=2.4V
VOUT=3.3V
Fig. 24
Without Anti-Ringing Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com