Electronic Components Datasheet Search
  English  ▼

X  

SS6612 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6612 Datasheet HTML 5Page - Silicon Standard Corp. SS6612 Datasheet HTML 6Page - Silicon Standard Corp. SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. SS6612 Datasheet HTML 10Page - Silicon Standard Corp. SS6612 Datasheet HTML 11Page - Silicon Standard Corp. SS6612 Datasheet HTML 12Page - Silicon Standard Corp. SS6612 Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.SiliconStandard.com
9 of 16
Rev.2.02 12/06/2003
SS6612
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
With Anti- Ringing
VIN=2.4V
VOUT=3.3V
Fig. 25
W ith Anti-Ringing Function
V IN=2.4V
V OUT=3.3V
Loading=200m A
LX Pin W aveform
Inductor C urrent
V OUT AC C ouple
F ig. 26 H eavy Load W aveform
Loading:
1m A
↔ 200m A
V IN=2.4V
V OUT=3.3V
V OUT: A C C ouple
F ig. 27
Load Transient R esponse
VIN=2.0V~3.0V
VOUT=3.3V, IOUT=100mA
VOUT
Fig. 28
Line Transient Response
VIN
Fig. 29
Exiting Shutdown
VOUT
V SHDN
VOUT=3.3V
CIN=COUT=47µF
Fig. 30
Exiting Shutdown
V
SHDN
VOUT
VOUT=3.3V
CIN=COUT=100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com