Electronic Components Datasheet Search
  English  ▼

X  

SS6730 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6730 Datasheet HTML 1Page - Silicon Standard Corp. SS6730 Datasheet HTML 2Page - Silicon Standard Corp. SS6730 Datasheet HTML 3Page - Silicon Standard Corp. SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 11
SS6730
1/26/2004 Rev.2.02
ELECTRICAL CHARACTERISTICS (CIN=1µF , COUT =10µF, TJ=25° C, unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Quiescent Current
IOUT = 0mA, VIN = 3.6~12V
IQ
55
80
µA
Standby Current
VIN = 3.6~8V , output OFF
ISTBY
0.1
µA
GND Pin Current
IOUT = 0.1~150mA
IGND
55
80
µA
Continuous Output Current
VIN = VOUT + 1V
IOUT
150
mA
Output Current Limit
VIN = VOUT + 1V , VOUT = 0V
IIL
150
220
mA
Output Voltage Tolerance
VIN = VOUT + 1V , no load
VOUT
-2
2
%
Temperature Coefficient
TC
50
150
ppm/ºC
Line Regulation
VIN = VOUT(TYP) + 1V to
VOUT(TYP) + 6V
∆V
LIR
2
7
mV
Load Regulation
VIN = 5V ,
IOUT = 0.1~150mA
∆V
LOR
7
25
mV
IOUT = 50 mA
90
160
mV
IOUT = 100 mA
140
230
mV
Dropout Voltage (1)
IOUT = 150 mA
VOUT≥2.5V
VDROP1
200
350
mV
Dropout Voltage (2)
IOUT=150 mA
VOUT <2.5V
VDROP2
700
mV
Noise Bypass Terminal Voltage
VREF
1.23
V
Output Noise
CBP = 0.1µF , f = 1KHz
VIN = 5V
∆n
0.46
Hz
V
µ
SHUTDOWN TERMINAL SPECIFICATIONS
Shutdown Pin Current
I SHDN
0.1
µA
Shutdown Pin Voltage (ON)
Output ON
V SHDN
(ON)
1.6
V
Shutdown Pin Voltage (OFF)
Output OFF
V SHDN
(OFF)
0.6
V
Shutdown Exit Delay Time
CBP = 0.1µF , COUT = 1µF,
IOUT=30mA
∆t
300
µS
THERMAL PROTECTION
Thermal Shutdown Temperature
TSD
155
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com