Electronic Components Datasheet Search
  English  ▼

X  

SS6730 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6730 Datasheet HTML 1Page - Silicon Standard Corp. SS6730 Datasheet HTML 2Page - Silicon Standard Corp. SS6730 Datasheet HTML 3Page - Silicon Standard Corp. SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
SS6730
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
TIME (100 µS/DIV)
IOUT=1mA,CBP=0.1µF
COUT=10µF
Fig. 1
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
I
OUT=1mA,CBP =0.1 µF
COUT=1µF
Fig. 2
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
IOUT=1mA,CBP=1µF
COUT=1µF
Fig. 3
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
IOUT=1mA,CBP=1µF
COUT=10µF
Fig. 4 Line Transient Response
Time (250µS/DIV)
VOUT
2V/DIV
IOUT=30mA,C BP=0.01µF
COUT=3.3µF
Fig. 5
Shutdown Exit Delay
VSHDN
2V/DIV
Time (250µS/DIV)
VOUT
2V/DIV
IOUT=30mA,CBP=0.1µF
COUT=3.3µF
Fig. 6
Shutdown Exit Delay
VSHDN
2V/DIV
1/26/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com