Electronic Components Datasheet Search
  English  ▼

X  

SS6730 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. SS6730 Datasheet HTML 10Page - Silicon Standard Corp. SS6730 Datasheet HTML 11Page - Silicon Standard Corp. SS6730 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
12 of 12
SS6730
SOT-23-6W (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.60
2.00
e
1.90 (TYP)
H
2.60
3.00
L
0.37
E
e
D
H
A1
A
A2
b
L
θ1
C
θ1
1
°
9
°
SOT-23-6W Marking
Part No.
Marking
Part No.
Marking
SS6730-18CQ
EB18
SS6730-27CQ
EB27
SS6730-19CQ
EB19
SS6730-28CQ
EB28
SS6730-20CQ
EB20
SS6730-285CQ
EB2J
SS6730-21CQ
EB21
SS6730-29CQ
EB29
SS6730-22CQ
EB22
SS6730-30CQ
EB30
SS6730-23CQ
EB23
SS6730-31CQ
EB31
SS6730-24CQ
EB24
SS6730-32CQ
EB32
SS6730-25CQ
EB25
SS6730-33CQ
EB33
SS6730-26CQ
EB26
1/26/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com