Electronic Components Datasheet Search
  English  ▼

X  

SS6730 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6730 Datasheet HTML 2Page - Silicon Standard Corp. SS6730 Datasheet HTML 3Page - Silicon Standard Corp. SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. SS6730 Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS6730
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
0
50
100
150
0
50
100
150
200
250
VOUT=3.0V
Fig. 13
Dropout Voltage vs. Output Current
IOUT (mA)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
Fig. 14
Ground Current vs. Input Voltage (VOUT=3.0V)
VIN (V)
I
OUT=0mA
IOUT=50mA
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
Fig. 15
Quiescent Current (ON Mode) vs. Input Voltage
I
OUT =0mA
VIN (V)
-40
-20
0
20
40
60
80
100
120
140
160
50
52
54
56
58
60
62
64
66
68
70
Fig. 16
Ground Current vs. Temperature
IOUT=30mA
IOUT=60mA
I
OUT=90mA
TA (°C)
-40
0
40
80
120
0.0
0.5
1.0
1.5
2.0
Fig. 17
Shutdown Voltage vs. Temperature
Output OFF
Output ON
TA (°C)
0
2
4
6
8
0
100
200
300
400
Fig. 18
Short Circuit Current vs. Input Voltage
VOUT is connected to GND
V IN (V)
1/26/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com