Electronic Components Datasheet Search
  English  ▼

X  

SS6730 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6730
Description  150mA Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6730 Datasheet HTML 4Page - Silicon Standard Corp. SS6730 Datasheet HTML 5Page - Silicon Standard Corp. SS6730 Datasheet HTML 6Page - Silicon Standard Corp. SS6730 Datasheet HTML 7Page - Silicon Standard Corp. SS6730 Datasheet HTML 8Page - Silicon Standard Corp. SS6730 Datasheet HTML 9Page - Silicon Standard Corp. SS6730 Datasheet HTML 10Page - Silicon Standard Corp. SS6730 Datasheet HTML 11Page - Silicon Standard Corp. SS6730 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS6730
PIN DESCRIPTIONS
SOT-23-5
PIN 1 : VIN
-
Power supply input pin. Bypass
with a 1
µF capacitor to GND
PIN 2 : GND -
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of
a
large
pad
or
the
circuit-board
ground
plane
is
recommended.
PIN 3 :
SHDN - Active-low shutdown input pin.
PIN 4 : BP
- Noise bypass pin. An external
bypass capacitor connected to
the BP pin reduces noise at the
output.
PIN 5 : VOUT - Output pin. Sources up to 150
mA.
SOT-23-6W
PIN 1 :
SHDN
- Active-low shutdown input pin.
PIN 2 :
GND
-
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of
a
large
pad
or
the
circuit-board
ground
plane
is
recommended.
PIN 3 :
BP
- Noise bypass pin. An external
bypass capacitor connected to
the BP pin reduces noise at the
output.
PIN 4 :
VOUT
- Output pin. Sources up to 150
mA.
PIN 5 :
GND
-
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of
a
large
pad
or
the
circuit-board
ground
plane
is
recommended.
PIN 6 :
VIN
-
Power supply input pin. Bypass
with a 1
µF capacitor to GND.
DETAILED DESCRIPTION OF TECHNICAL TERMS
OUTPUT VOLTAGE (VOUT)
The SS6730 provides factory-set output voltages
from 1.8V to 3.3V, in 100mV increments. The
output voltage is specified with VIN = VOUT (TYP)
+ 1V and IOUT = 0mA
DROPOUT VOLTAGE (VDROP)
The dropout voltage is defined as the difference
between the input voltage and output voltage at
which point the regulator starts to fall out of
regulation. Below this value, the output voltage
will fall as the input voltage is reduced. It
depends
on
the
load
current
and
junction
temperature. The dropout voltage is specified at
which the output voltage drops 100mV below the
value measured with a 1V difference.
CONTINUOUS OUTPUT CURRENT (IOUT)
Normal rated output current. This is limited by
package power dissipation.
LINE REGULATION
Line regulation is the ability of the regulator to
maintain a constant output voltage as the input
voltage changes. The line regulation is specified
as the input voltage is changed from VIN = VOUT +
1 V to VIN = VOUT + 6 V and IOUT = 1mA.
1/26/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com