Electronic Components Datasheet Search
  English  ▼

X  

SS8012G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8012G
Description  Rail-to-Rail I/O Op. Amp.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8012G Datasheet HTML 1Page - Silicon Standard Corp. SS8012G Datasheet HTML 2Page - Silicon Standard Corp. SS8012G Datasheet HTML 3Page - Silicon Standard Corp. SS8012G Datasheet HTML 4Page - Silicon Standard Corp. SS8012G Datasheet HTML 5Page - Silicon Standard Corp. SS8012G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
Absolute Maximum Ratings (Note1)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
Supply voltage
0
7.0
V
Tstg
Storage temperature
-65
+150
°C
Tamb
Operating ambient temperature
0
+70
°C
Notes:
1. Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Thermal Characteristics
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
Thermal resistance from junction to ambient in free air SOT-23-5
240
°C/W
Electrical Characteristics
VDD = 2V, VSS = 0V, Tamb = 25°C, RL >1M
Ω , unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
IDD
Supply current
no load
-
0.13
0.4
mA
Ptot
Total power dissipation
no load
-
0.26
0.8
mW
DC Characteristics
VI (OS)
Input offset voltage
±1mV
±15
mV
VCM
Common mode voltage
0
-
2.0
V
IB
Input Bias Current
±0.05
nA
IOS
Input Bias Current Offset
±0.05
nA
RIN
Input Resistance
1000
-
M
Ω
AV
Open Loop Gain
95
-
dB
IO
Maximum output current
VOUT =
±VIN x 90%
-
±12
-
mA
VO
Output Voltage Swing
RL = 2k
Ω
0.04
-
1.96
V
PSRR
Power supply rejection ratio
50
-
dB
CMRR
Common-Mode Rejection Ratio
55
dB
AC Characteristics
GBWP
Gain-Bandwidth Product
Open-loop; No Load
-
1.0
-
MHz
SR
Slew-Rate
Measured from 20% to 80% of
2VP-P step
0.3
V/µs
PM
Phase Margin
-
60
-
deg
SS8012G
8/21/2004 Rev.2.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com