Electronic Components Datasheet Search
  English  ▼

X  

SS8012G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8012G
Description  Rail-to-Rail I/O Op. Amp.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8012G Datasheet HTML 1Page - Silicon Standard Corp. SS8012G Datasheet HTML 2Page - Silicon Standard Corp. SS8012G Datasheet HTML 3Page - Silicon Standard Corp. SS8012G Datasheet HTML 4Page - Silicon Standard Corp. SS8012G Datasheet HTML 5Page - Silicon Standard Corp. SS8012G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
Small Signal Transient Response Characteristics
Test Condition: TA = 25°C, AV = 1 , RL = 2kΩ
Vs = ±1V
Vs = ±1.5V
Vs = ±2.5V
Open-Loop Gain & Phase vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Frequency - kHZ
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
PSRR
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
Frequency - kHZ
PSRR +
PSRR -
Vs=±1.5V
Vs=±1.5V
Test Condition: Vs =±1.5V,TA = 25°C
Test Condition: Vs =±1.5V,TA = 25°C
SS8012G
8/21/2004 Rev.2.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com