Electronic Components Datasheet Search
  English  ▼

X  

SS8012G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8012G
Description  Rail-to-Rail I/O Op. Amp.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8012G Datasheet HTML 1Page - Silicon Standard Corp. SS8012G Datasheet HTML 2Page - Silicon Standard Corp. SS8012G Datasheet HTML 3Page - Silicon Standard Corp. SS8012G Datasheet HTML 4Page - Silicon Standard Corp. SS8012G Datasheet HTML 5Page - Silicon Standard Corp. SS8012G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
Electrical Characteristics
VDD = 3V, VSS = 0V, Tamb = 25°C, RL =1M
Ω , unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
IDD
Supply current
no load
-
0.7
2.1
mA
Ptot
Total power dissipation
no load
-
2.1
6.3
mW
DC Characteristics
VI (OS)
Input offset voltage
±1.5
±15
mV
VCM
Common mode voltage
0
-
3.0
V
IB
Input Bias Current
±0.05
nA
IOS
Input Bias Current Offset
±0.05
nA
RIN
Input Resistance
1000
-
M
Ω
AV
Open Loop Gain
90
-
dB
IO
Maximum output current
VOUT =
±VIN x 90%
-
±27
-
mA
VO
Output Voltage Swing
RL = 2k
Ω
0.04
-
2.96
V
PSRR
Power supply rejection ratio
65
-
dB
CMRR
Common-Mode Rejection Ratio
55
dB
AC Characteristics
GBWP
Gain-Bandwidth Product
Open-loop; No Load
-
3.0
-
MHz
SR
Slew-Rate
Measured from 20% to 80% of
5VP-P step
1
V/µs
PM
Phase Margin
-
60
-
deg
Electrical Characteristics
VDD = 5V, VSS = 0V, Tamb = 25°C; RL = 1M
Ω , unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
IDD
Supply current
no load
-
0.9
2.4
mA
Ptot
Total power dissipation
no load
-
4.5
12
mW
DC Characteristics
VI (OS)
Input offset voltage
±3
±15
mV
VCM
Common mode voltage
0
-
5.0
V
IB
Input Bias Current
±0.05
nA
IOS
Input Bias Current Offset
±0.05
nA
RIN
Input Resistance
1000
-
M
Ω
AV
Open Loop Gain
65
-
dB
IO
Maximum output current
VOUT =
±VIN x 90%
-
±60
-
mA
VO
Output Voltage Swing
RL = 2k
Ω
0.05
-
4.95
V
PSRR
Power supply rejection ratio
65
-
dB
CMRR
Common-Mode Rejection Ratio
45
dB
AC Characteristics
GBWP
Gain-Bandwidth Product
Open-loop; No Load
-
13
-
MHz
SR
Slew-Rate
Measured from 10% to 90% of
5VP-P step
6
V/µs
PM
Phase Margin
-
60
-
deg
SS8012G
8/21/2004 Rev.2.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com