Electronic Components Datasheet Search
  English  ▼

X  

SS8012G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8012G
Description  Rail-to-Rail I/O Op. Amp.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8012G Datasheet HTML 1Page - Silicon Standard Corp. SS8012G Datasheet HTML 2Page - Silicon Standard Corp. SS8012G Datasheet HTML 3Page - Silicon Standard Corp. SS8012G Datasheet HTML 4Page - Silicon Standard Corp. SS8012G Datasheet HTML 5Page - Silicon Standard Corp. SS8012G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SS8012G
8/21/2004 Rev.2.01
Rail-to-Rail I/O Op. Amp.
Features
Single-supply operation: 2.0V to 5.5V
Low supply current: 700 µA
Wide bandwidth: 3 MHz
Slew rate: 1 V/µs
No phase reversal
Unity-gain stable
Small 5-pin SOT-23-5 package
Applications
Battery-Powered Instruments
Portable Equipment
Audio Signal Conditioning
Multimedia Audio
ASIC Input or Output Amplifier
Description
The SS8012G is a single-supply amplifier supporting
rail-to-rail input and output. High output current makes
these amplifiers excellent for driving either resistive or
capacitive loads. AC performance is very good with
3.0MHz bandwidth.
The very low input bias currents allow the SS8012G to
be used for integrators and diode amplification and
other applications requiring low input bias current. The
supply current is only 700µA per amplifier at 3.0V,
allowing low current applications to control high cur-
rent loads.
Applications include audio amplification for computers,
sound ports, sound cards and set-top boxes. The
SS8012G is very stable and capable of driving capacitive
loads. The ability to swing rail-to-rail at the inputs and
outputs enables designers to buffer CMOS ADC/DACs,
ASICs or other wide output swing devices in single-
supply systems.
Ordering Information
SS8012GTR :
SS8012 in SOT-23-5 with Pb-free lead finish,
Pin Configuration
Typical Application Circuit
5
4
IN+
VSS
1
3
2
VDD
IN-
OUT
+-
5
3
4
1
RL
2k
Ω
OUT
IN
+
-
+
-
VDD
2
5
4
IN+
VSS
1
3
2
VDD
IN-
OUT
SOT-23-5
+-
5
3
4
1
RL
OUT
IN
+
-
+
-
VDD
2
5
3
4
1
RL
OUT
IN
+
-
SS8012G
+
-
VDD
2
This device is only available with Pb-free lead finish (second-level interconnect).
shipped on tape and reel.


Similar Part No. - SS8012G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-25GTR SSC-SS8014-25GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-27GTR SSC-SS8014-27GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
More results

Similar Description - SS8012G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1211 GMT-G1211 Datasheet
212Kb / 6P
Rail-to-Rail I/O, 100mA Output Op Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com