Electronic Components Datasheet Search
  English  ▼

X  

SS8012G Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8012G
Description  Rail-to-Rail I/O Op. Amp.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012G Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8012G Datasheet HTML 1Page - Silicon Standard Corp. SS8012G Datasheet HTML 2Page - Silicon Standard Corp. SS8012G Datasheet HTML 3Page - Silicon Standard Corp. SS8012G Datasheet HTML 4Page - Silicon Standard Corp. SS8012G Datasheet HTML 5Page - Silicon Standard Corp. SS8012G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
6 of 6
SS8012G
8/21/2004 Rev.2.01
Package Information
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ1
1º
5º
9º
Taping Specification
(Unit: mm)
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
SOT-23-5 Package Orientation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com