Electronic Components Datasheet Search
  English  ▼

X  

SS8117G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8117G
Description  1A Adjustable Low-Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8117G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8117G Datasheet HTML 1Page - Silicon Standard Corp. SS8117G Datasheet HTML 2Page - Silicon Standard Corp. SS8117G Datasheet HTML 3Page - Silicon Standard Corp. SS8117G Datasheet HTML 4Page - Silicon Standard Corp. SS8117G Datasheet HTML 5Page - Silicon Standard Corp. SS8117G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
DEFINITIONS
Output Voltage
The SS8117G provides an adjustable output voltage from
1.25V to 5V with two external resistors. It can be cal-
culated from:
R2
VOUT = 1.25V x (1+
R1
) + I
ADJ x R2
IADJ = 80µA (typ.)
Dropout Voltage
The input/output voltage differential at which the regu-
lator output no longer maintains regulation against fur-
ther reductions in input voltage. It is measured when
the output drops 20% below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that
the average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load cur-
rent at constant chip temperature. The measurement is
made under conditions of low dissipation or by using
pulse techniques such that the average chip tempera-
ture is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation with which the
regulator will still operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip and
is not delivered to the load.
SS8117G
5/26/2005 Rev.2.2
Recommended Minimum Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com