Electronic Components Datasheet Search
  English  ▼

X  

SS8117G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8117G
Description  1A Adjustable Low-Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8117G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8117G Datasheet HTML 1Page - Silicon Standard Corp. SS8117G Datasheet HTML 2Page - Silicon Standard Corp. SS8117G Datasheet HTML 3Page - Silicon Standard Corp. SS8117G Datasheet HTML 4Page - Silicon Standard Corp. SS8117G Datasheet HTML 5Page - Silicon Standard Corp. SS8117G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SS8117G
5/26/2005 Rev.2.2
1A Adjustable Low-Dropout Regulator
FEATURES
Dropout voltage typically 1.2V @ I O = 800mA
Output current in excess of 1A
Adjustable output voltage
Space-saving SOT-223 package
Internal short circuit current limit
Internal over temperature protection
APPLICATIONS
DESCRIPTION
ORDERING INFORMATION
SS8117GT63XX
Packing
Pin Option
Package Type
PACKAGE TYPE
PIN OPTION
PACKING
GT6 : SOT-223 Pb-free
1
2
3
TR : Tape & Reel
3 : GND/ADJ
Vout
Vin
TB: Tubes
TYPICAL APPLICATION
PIN CONFIGURATION
V
IN
C1
1µF
V
OUT
I
O
COUT
10µF
R2
R1
GND/ADJ
VIN
VOUT
V
IN
SS8117G
C1
1µF
V
OUT
I
O
COUT
10µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
SOT 223
Post-regulation for switching DC/DC converters.
High-efficiency linear regulator
Battery charger
Battery-powered instrumentation
Motherboards
The SS8117G is a low dropout linear regulator with a
max. dropout voltage of 1.4V at a load current of 1A.
Available only in adjustable form, the output voltage
can be set from 1.25V to 5V with only two external
resistors.
The SS8117G provides over-temperature and over-
current protection circuits to prevent it from being
damaged by abnormal operating conditions.
The SS8117G is available in a SOT-223 package.
A tantalum electrolytic capacitor of at least 10µF
is required at the output to improve the transient
response and stability.
Pb-free, RoHS compliant


Similar Part No. - SS8117G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
SS811-23CV SSC-SS811-23CV Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
SS811-23CVTR SSC-SS811-23CVTR Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
SS811-26CV SSC-SS811-26CV Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
SS811-26CVTR SSC-SS811-26CVTR Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
More results

Similar Description - SS8117G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
LM2941QML 1A Low Dropout Adjustable Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com