Electronic Components Datasheet Search
  English  ▼

X  

SS8117G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8117G
Description  1A Adjustable Low-Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8117G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8117G Datasheet HTML 1Page - Silicon Standard Corp. SS8117G Datasheet HTML 2Page - Silicon Standard Corp. SS8117G Datasheet HTML 3Page - Silicon Standard Corp. SS8117G Datasheet HTML 4Page - Silicon Standard Corp. SS8117G Datasheet HTML 5Page - Silicon Standard Corp. SS8117G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.25
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
(VIN-VOUT) Diffrential (V)
115°C
25°C
-45°C
Short-Circuit Current
Output Noise
VIN = 4.5V
IOUT = 10mA
-0.1
-0.05
0
0.05
0.1
0.15
-40 -25 -10
5
20
35
50
65 80 95 110
Temperature
Load Regulation
Overcurrent Protection Characteristics
SS8117G
5/26/2005 Rev.2.2
Max. Power Dissipation
vs. PCB Top Copper Area
0
0.5
1
1.5
2
2.5
012
345
PCB Top Copper Area (in
2)
TAMB = 25°C ; Still Air
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit : in
2
still air; Different PCB Top Copper Area
Max. Power Dissipationj
vs. Ambient Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com