Electronic Components Datasheet Search
  English  ▼

X  

SS8117G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8117G
Description  1A Adjustable Low-Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8117G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8117G Datasheet HTML 1Page - Silicon Standard Corp. SS8117G Datasheet HTML 2Page - Silicon Standard Corp. SS8117G Datasheet HTML 3Page - Silicon Standard Corp. SS8117G Datasheet HTML 4Page - Silicon Standard Corp. SS8117G Datasheet HTML 5Page - Silicon Standard Corp. SS8117G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.SiliconStandard.com
4 of 6
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN= 4V, CIN=10µF, COUT=10µF, TA=25°C, unless otherwise noted.
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
0
200
400
600
800
1000
Output Current (mA)
85°C
25°C
-45°C
70
73
76
79
82
85
88
91
94
0
100
200
300 400
500
600
700 800
Load Current(mA)
-45°C
25°C
85°C
Line transient
Load Transient
Dropout Voltage vs. Load Current
I ADJ Current vs. Load Current
Temperature Stability
-1
-0.5
0
0.5
1
-40
-20
0
20
40
60
80
100
Temperature
0
10
20
30
40
50
60
10
100
1000
10000
100000
Frequency (Hz)
IOUT = 100mA
IOUT = 800mA
(VIN - V OUT) > 3V
COUT = 10µF
IOUT = 0.1A~0.8A
Ripple Rejection
SS8117G
5/26/2005 Rev.2.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com