Electronic Components Datasheet Search
  English  ▼

X  

X86C64 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. X86C64 Datasheet HTML 10Page - Xicor Inc. X86C64 Datasheet HTML 11Page - Xicor Inc. X86C64 Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
X86C64
8
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3.0V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3819 PGM T07
Note:
(3) This parameter is periodically sampled and not 100% tested.
3819 FHD F05
DS Controlled Read Cycle
DS Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
PWASL
Address Strobe Pulse Width
80
ns
tAS
Address Setup Time
20
ns
tAH
Address Hold Time
30
ns
tACC
Data Access Time
120
ns
tDHR
Data Hold Time
0
ns
tCS
CE Setup Time
7
ns
PWDSH
DS Pulse Width
150
ns
tDSS
DS Setup Time
30
ns
tDSH
DS Hold Time
20
ns
tRWS
R/
W Setup Time
20
ns
tHZ(3)
DS High to High Z Output
50
ns
tLZ(3)
DS Low to Low Z Output
0
ns
3819 PGM T09
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
EQUIVALENT A.C. TEST CIRCUIT
3819 FHD F04
5.0V
1923
Ω
100pF
Output
1370
Ω
AS
A/D0–A/D7
A8–A12
R/W
AIN
DOUT
PWASL
CE
tCS
tAS
tAH
A8–A12
tDSS
tACC
tDHR
PWDSH
tRWS
tDSH
tDSH
tHZ
tDSH
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com