Electronic Components Datasheet Search
  English  ▼

X  

X86C64 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 1 Page - Xicor Inc.

  X86C64 Datasheet HTML 1Page - Xicor Inc. X86C64 Datasheet HTML 2Page - Xicor Inc. X86C64 Datasheet HTML 3Page - Xicor Inc. X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
X86C64
1
CONTROL
LOGIC
SOFTWARE
DATA
PROTECT
CE
R/W
DS
SEL
A8–A11
AS
L
A
T
C
H
E
S
D
E
C
O
D
E
A12
A12
M
U
X
1K BYTES
1K BYTES
1K BYTES
1K BYTES
Y DECODE
I/O & ADDRESS LATCHES AND BUFFERS
A/D0–A/D7
WC
1K BYTES
1K BYTES
1K BYTES
1K BYTES
A12
X
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
E2 Micro-Peripheral
FEATURES
• CONCURRENT READ WRITE™
—Dual Plane Architecture
Isolates Read/Write Functions
Between Planes
Allows Continuous Execution of Code
From One Plane While Writing in the Other
Plane
• Multiplexed Address/Data Bus
—Direct Interface to Popular 8-bit
Microcontrollers, e.g. Zilog Z8 Family
• High Performance CMOS
—Fast Access Time, 120 ns
—Low Power
60 mA Maximum Active
200
µA Maximum Standby
• Software Data Protection
• Block Protect Register
—Individually Set Write Lock Out in 1K Blocks
• Toggle Bit
—Early End of Write Detection
• Page Mode Write
—Allows up to 32 Bytes to be Written in
One Write Cycle
• High Reliability
—Endurance: 10,000 Write Cycle
—Data Retention: 100 Years
64K
X86C64
8192 x 8 Bit
DESCRIPTION
The X86C64 is an 8K x 8 E2PROM fabricated with
advanced CMOS Textured Poly Floating Gate Technol-
ogy. The X86C64 features a Multiplexed Address and
Data bus allowing direct interface to a variety of popular
single-chip microcontrollers operating in expanded mul-
tiplexed mode without the need for additional interface
circuitry.
The X86C64 is internally configured as two indepen-
dent 4K x 8 memory arrays. This feature provides the
ability to perform nonvolatile memory updates in one
array and continue operation out of code stored in the
other array; effectively eliminating the need for an aux-
iliary memory device for code storage.
To write to the X86C64, a three byte command
sequence must precede the byte(s) being written. The
X86C64 also provides a second generation software
data protection scheme called Block Protect. Block
Protect can provide write lockout of the entire device or
selected 1K blocks. There are eight, 1K x 8 blocks that
can be write protected individually in any combination
required by the user. Block Protect, in addition to Write
Control input, allows the different segments of the
memory to have varying degrees of alterability in nor-
mal system operation.
Preliminary Information
Z8® Microcontroller Family Compatible
3819-2.1 7/29/96 T0/C1/D1 SH
Z8® is a registered trademark of Zilog Corporation
CONCURRENT READ WRITE™ is a trademark of Xicor, Inc.
FUNCTIONAL DIAGRAM
3819 FHD F02


Similar Description - X86C64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Xicor Inc.
X68257 XICOR-X68257 Datasheet
70Kb / 14P
E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com