Electronic Components Datasheet Search
  English  ▼

X  

X86C64 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. X86C64 Datasheet HTML 10Page - Xicor Inc. X86C64 Datasheet HTML 11Page - Xicor Inc. X86C64 Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
X86C64
9
DS Controlled Write Cycle
Symbol
Parameter
Min.
Max.
Units
PWASH
Address Strobe Pulse Width
80
ns
tAS
Address Setup Time
20
ns
tAH
Address Hold Time
30
ns
tDSW
Data Setup Time
50
ns
tDHW
Data Hold Time
30
ns
tCS
CE Setup Time
7
ns
PWDSH
DS Pulse Width
120
ns
tWC
Write Cycle Time
5
ms
tDSS
Enable Setup Time
30
ns
tRWS
R/
W Setup Time
20
ns
tDSH
DS Hold Time
20
ns
tBLC
Byte Load Time (Page Write)
0.5
100
µs
3819 PGM T10
DS Controlled Write Cycle
3819 FHD F06
Note:
(4) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
AS
A/D0–A/D7
A8–A12
R/W
AIN
DIN
PWASH
CE
tCS
tAS
tAH
A8–A12
tDSS
tDSW
tDHW
PWDSH
tRWS
tDSH
tDSH
tDSH
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com