Electronic Components Datasheet Search
  English  ▼

X  

X86C64 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X86C64 Datasheet HTML 3Page - Xicor Inc. X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. X86C64 Datasheet HTML 10Page - Xicor Inc. X86C64 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
X86C64
7
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
X86C64 ........................................ –10
°C to +85°C
X86C64I ..................................... –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ............................... –1.0V to +7V
D.C. Output Current ............................................ 5 mA
Lead Temperature
(Soldering, 10 Seconds) ............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reli-
ability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C70°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3819 PGM T02
Supply Voltage
Limits
X86C64
5V
± 10%
3819 PGM T03
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
60
mA
CE = VIL, All I/O’s = Open,
Other Inputs = VCC, AS = VIL
ISB1(CMOS)
VCC Current (Standby)
500
µA
CE = VSS, All I/O’s = Open,Other
Inputs = VCC – 0.3V
ISB2(TTL)
VCC Current (Standby)
6
mA
CE = VIH, All I/O’s = Open, Other
Inputs = VIH
ILI
Input Leakage Current
10
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC, DS = VIH
VlL(1)
Input Low Voltage
–1.0
0.8
V
VIH(1)
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 2.1 mA
VOH
Output High Voltage
2.4
V
IOH = –400
µA
3819 PGM T04
CAPACITANCE TA = 25°C, F = 1.0MHZ, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
3819 PGM T05
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-Up to Read
1
ms
tPUW(2)
Power-Up to Write
5
ms
3819 PGM T06
Notes: (1) VIL MIN and VIH MAX are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com