Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5604
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 4 Page - Analog Devices

  ADL5604 Datasheet HTML 1Page - Analog Devices ADL5604 Datasheet HTML 2Page - Analog Devices ADL5604 Datasheet HTML 3Page - Analog Devices ADL5604 Datasheet HTML 4Page - Analog Devices ADL5604 Datasheet HTML 5Page - Analog Devices ADL5604 Datasheet HTML 6Page - Analog Devices ADL5604 Datasheet HTML 7Page - Analog Devices ADL5604 Datasheet HTML 8Page - Analog Devices ADL5604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5604
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY = 2630 MHz
Gain2
12.2
dB
vs. Frequency
±60 MHz
4.8
dB
Output 1 dB Compression Point
29.1
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
42.2
dBm
Noise Figure
4.6
dB
POWER INTERFACE
Pin RFOUT
Supply Voltage
4.75
5
5.25
V
Supply Current
318
345
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±7
mA
POWER DOWN INTERFACE
Turn-On Time
50% of control pulse to 50% of RFOUT
50
nS
Turn-Off Time
50% of control pulse to 50% of RFOUT
50
nS
1
VCC1 is the supply voltage to the ADL5604 through the RFOUT pins.
2
Guaranteed maximum and minimum specified limits on this parameter are based on 6 sigma calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com