Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5604
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 12Page - Analog Devices ADL5604 Datasheet HTML 13Page - Analog Devices ADL5604 Datasheet HTML 14Page - Analog Devices ADL5604 Datasheet HTML 15Page - Analog Devices ADL5604 Datasheet HTML 16Page - Analog Devices ADL5604 Datasheet HTML 17Page - Analog Devices ADL5604 Datasheet HTML 18Page - Analog Devices ADL5604 Datasheet HTML 19Page - Analog Devices ADL5604 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5604
Rev. 0 | Page 16 of 24
ADL5604 MATCH
The ADL5604 is easily matched with three matching components
and a microstrip line used as inductance. If spacing is tight, an
external inductor can take the place of the microstrip line. The
output match includes a short (76 mils, including the portion
that is used as the pad for the chip) non 50 Ω line to accommo-
date the four output pins and allow for easier low inductance
output matching. The pads for Pin 9 to Pin 12 are included on
this microstrip line, as well as the pad for the L1 bias inductor.
The extended length allows the bias inductor to be placed close
to the chip, where the impedance is lowest, while allowing a low
inductance path to a shunt capacitor to ground. This extra
length allows for alternative matching but is also included in the
output match at all frequencies. Table 5 and Table 6 detail the
component spacing and values for the input and output
matching networks for the ADL5604 for the different
frequencies. Figure 36 through Figure 41 show the matching
networks.
Table 5. Component Spacing
Frequency
λ1 (mils)
λ2 (mils)
λ3 (mils)
λ4 (mils)
λ5 (mils)
748 MHz
67
348
41
272
106
880 MHz
75
138
41
181
154
943 MHz
N/A
118
41
220
95
1960 MHz
35
N/A
41
232
N/A
2140 MHz
45
182
41
197
N/A
2630 MHz
55
182
41
126
N/A
Table 6. Component Values
Frequency
C1 (pF)
C2 (pF)
C3 (pF)
C4 (pF)
C5 (pF)
L1 (nH)
L2 (nH)
Lout (nH)
748 MHz
100 pF
100 pF
10.0 pF
20.0 pF
7.0 pF
16 nH
N/A
2.7 nH
880 MHz
100 pF
100 pF
N/A
9.0 pF
6.0 pF
16 nH
N/A
3.6 nH
943 MHz
100 pF
100 pF
12.0 pF
N/A
6.2 pF
16 nH
N/A
3.0 nH
1960 MHz
22 pF
22 pF
0 Ω
4.3 pF
2.2 pF
16 nH
N/A
N/A
2140 MHz
0 Ω
22 pF
1.3 pF
2.7 pF
2.4 pF
16 nH
N/A
N/A
2630 MHz
22 pF
22 pF
N/A
2.2 pF
1.8 pF
16 nH
4.3 nH
N/A
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GND
GND
GND
GND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
C4
20pF
C3
10pF
LOUT
2.7nH
R1
5.1
Ω
C5
7pF
C2
100pF
L1
16nH
C1
100pF
λ2
λ1
λ4
λ5
λ3
ADL5604
Figure 36. ADL5604 Match Parameters, 748 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com