Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5604
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 15Page - Analog Devices ADL5604 Datasheet HTML 16Page - Analog Devices ADL5604 Datasheet HTML 17Page - Analog Devices ADL5604 Datasheet HTML 18Page - Analog Devices ADL5604 Datasheet HTML 19Page - Analog Devices ADL5604 Datasheet HTML 20Page - Analog Devices ADL5604 Datasheet HTML 21Page - Analog Devices ADL5604 Datasheet HTML 22Page - Analog Devices ADL5604 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5604
Rev. 0 | Page 19 of 24
ACPR AND EVM
All adjacent channel power ratio (ACPR) and error vector
magnitude (EVM) measurements were made using a single
W-CDMA carrier. For ACPR measurements, Test Model 1-64
was used, and for EVM measurements, Test Model 4 was used.
The signal is generated by a very low ACPR source and is
measured at the output by a high dynamic range spectrum
analyzer. The spectrum analyzer incorporates an instrument
noise correction function. Highly linear amplifiers were used to
boost the power levels
Figure 26 shows the plot of ACPR vs. POUT at 946 MHz. Shown
on the same plot is the system ACPR. For power levels up to
11 dBm, an ACPR of 65 dBc or better can be achieved.
Figure 27 shows the ACPR vs. POUT at 1966 MHz. Shown on
the same plot is the system ACPR. For power levels up to
11 dBm, an ACPR of 65 dBc or better can be achieved.
Figure 28 shows ACPR vs. POUT at 2140 MHz. Shown on the
same plot is the system ACPR. For power levels up to 12 dBm,
an ACPR of 65 dBc or better can be achieved. Figure 29 shows
the plot of EVM vs. POUT at 946 MHz. The EVM measured is
11.2% for power levels up to 22 dBm.
Figure 30 shows the EVM vs. POUT at 1966 MHz. The EVM
measured is 7.9% for power levels up to 24 dBm. Figure 31
shows the EVM vs. POUT at 2140 MHz. The EVM measured is
6.1% for power levels up to 22 dBm.
THERMAL CONSIDERATIONS
The ADL5604 is packaged in a thermally efficient 4 mm × 4 mm,
16-lead LFCSP. The thermal resistance from junction to air (θJA)
is 32.1oC/W. The thermal resistance for the product was
extracted assuming a standard 4-layer JEDEC board with nine
copper filled thermal vias. The thermal resistance from junction
to case (θJC) is 6oC/W where case is the exposed pad of the lead
frame package.
For the best thermal performance, it is recommended to add as
many thermal vias as possible under the exposed pad of the
LFCSP. The above thermal resistance numbers assume a
minimum of nine thermal vias arranged in a 3 × 3 array with a
diameter of 8 mils and a pitch of 16 mils. Because the top and
bottom leads of the package are ground, the ground pattern on
the evaluation board is extended on the top and bottom to
improve thermal efficiency (see the Evaluation Board section).
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 42 shows the recommended land pattern for the ADL5604.
To minimize thermal impedance, the exposed paddle on the
4 mm × 4 mm LFCSP package is soldered down to a ground
plane along with Pin 5 to Pin 8 and Pin 13 to Pin 16. To
improve thermal dissipation, nine thermal vias are arranged in
a 3 × 3 array under the exposed paddle. Areas above and below
the paddle are tied with regular vias. If multiple ground layers
exist, they should be tied together using vias. For more inform-
ation on land pattern design and layout, see the AN-772
Application Note, A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP).
5
8
13
16
RFIN
RFOUT
THERMAL VIAS
8 MIL
FILLED VIAs
16 MIL
FILLED VIAs
Figure 42. Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com