Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5604
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 2Page - Analog Devices ADL5604 Datasheet HTML 3Page - Analog Devices ADL5604 Datasheet HTML 4Page - Analog Devices ADL5604 Datasheet HTML 5Page - Analog Devices ADL5604 Datasheet HTML 6Page - Analog Devices ADL5604 Datasheet HTML 7Page - Analog Devices ADL5604 Datasheet HTML 8Page - Analog Devices ADL5604 Datasheet HTML 9Page - Analog Devices ADL5604 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5604
Rev. 0 | Page 6 of 24
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
2400
−0.88
144.9
2.40
31.5
−35.46
−28.4
−2.81
141.7
2450
−0.90
144.1
2.37
29.7
−35.34
−29.8
−2.91
140.8
2500
−0.92
143.2
2.35
27.8
−35.21
−31.0
−3.03
139.7
2550
−0.94
142.4
2.33
26.0
−35.08
−32.5
−3.15
138.7
2600
−0.96
141.6
2.32
24.0
−34.96
−34.0
−3.26
137.7
2650
−0.99
140.8
2.32
22.1
−34.83
−35.5
−3.38
136.7
2700
−1.01
139.9
2.32
20.1
−34.71
−37.2
−3.52
135.6
2750
−1.04
139.1
2.33
18.0
−34.58
−38.8
−3.66
134.4
2800
−1.07
138.3
2.34
15.9
−34.45
−40.5
−3.81
133.3
2850
−1.10
137.4
2.36
13.9
−34.31
−42.2
−3.99
132.3
2900
−1.13
136.6
2.37
11.7
−34.18
−44.1
−4.16
131.1
2950
−1.16
135.7
2.39
9.5
−34.05
−45.9
−4.34
130.1
3000
−1.19
134.9
2.42
7.3
−33.94
−47.9
−4.54
129.0
3050
−1.22
134.1
2.45
5.1
−33.81
−49.9
−4.75
127.9
3100
−1.25
133.2
2.48
2.8
−33.69
−51.9
−4.96
126.9
3150
−1.29
132.4
2.52
0.4
−33.55
−54.0
−5.20
125.8
3200
−1.32
131.5
2.55
−2.0
−33.44
−56.3
−5.45
124.8
3250
−1.36
130.7
2.59
−4.4
−33.32
−58.5
−5.71
123.8
3300
−1.40
129.8
2.63
−6.9
−33.21
−60.8
−5.99
122.7
3350
−1.44
129.0
2.67
−9.4
−33.10
−63.2
−6.29
121.8
3400
−1.47
128.1
2.72
−12.0
−32.98
−65.6
−6.62
120.9
3450
−1.51
127.3
2.76
−14.7
−32.86
−68.0
−6.96
120.0
3500
−1.55
126.4
2.80
−17.3
−32.73
−70.7
−7.31
119.4
3550
−1.59
125.6
2.84
−20.0
−32.61
−73.3
−7.71
118.8
3600
−1.63
124.8
2.89
−22.7
−32.51
−76.1
−8.12
118.2
3650
−1.67
124.0
2.93
−25.5
−32.39
−79.0
−8.57
117.7
3700
−1.71
123.2
2.97
−28.4
−32.28
−82.0
−9.02
117.5
3750
−1.75
122.3
3.01
−31.2
−32.18
−85.1
−9.54
117.6
3800
−1.79
121.5
3.05
−34.1
−32.10
−88.3
−10.09
117.7
3850
−1.82
120.7
3.09
−37.1
−32.02
−91.5
−10.63
118.4
3900
−1.84
119.9
3.13
−40.0
−31.94
−94.8
−11.24
119.5
3950
−1.86
119.1
3.17
−43.0
−31.85
−98.2
−11.86
120.9
4000
−1.88
118.3
3.22
−46.1
−31.79
−101.7
−12.48
123.2
1
VCC1 is the supply to the ADL5604 through the RFOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com