Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5604
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 5Page - Analog Devices ADL5604 Datasheet HTML 6Page - Analog Devices ADL5604 Datasheet HTML 7Page - Analog Devices ADL5604 Datasheet HTML 8Page - Analog Devices ADL5604 Datasheet HTML 9Page - Analog Devices ADL5604 Datasheet HTML 10Page - Analog Devices ADL5604 Datasheet HTML 11Page - Analog Devices ADL5604 Datasheet HTML 12Page - Analog Devices ADL5604 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5604
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0.925
0.930
0.935
0.940
0.945
0.950
0.955
0.960
FREQUENCY (GHz)
GAIN (dB)
P1dB (dBm)
OIP3 (dBm)
NF (dB)
Figure 4. Gain, P1dB, OIP3 at POUT =14 dBm/Tone and
Noise Figure vs. Frequency
16
17
18
19
20
21
22
23
24
0.925
0.930
0.935
0.940
0.945
0.950
0.955
0.960
FREQUENCY (GHz)
–40°C
+85°C
+25°C
Figure 5. Gain vs. Frequency and Temperature
S11
S12
S22
0
–5
–10
–15
–20
–25
–30
0.930
0.940
0.950
0.960
0.965
0.955
0.945
0.935
FREQUENCY (GHz)
Figure 6. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency
37
38
39
40
41
42
43
44
26
27
28
29
30
31
32
33
0.925
0.930
0.935
0.940
0.945
0.950
0.955
0.960
FREQUENCY (GHz)
+85°C
–40°C
–40°C
+25°C
+25°C
+85°C
Figure 7. OIP3 at POUT =14 dBm/Tone and P1dB vs. Frequency
and Temperature
36
37
38
39
40
41
42
43
–10 –8
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
POUT PER TONE (dBm)
0.960GHz
0.925GHz
0.942GHz
Figure 8. OIP3 vs. POUT and Frequency
2
3
4
5
6
0.925
0.930
0.935
0.940
0.945
0.950
0.955
0.960
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 9. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com