Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 4Page - Analog Devices ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices ADP1650 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1650
Rev. 0 | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
IL = inductor current, ILED = LED current, LED OUT = LED output, IBAT = battery current.
CH1 5V
CH2 1A
Ω
CH4 500mA
Ω
CH3 1V
M100µs
A CH1
400mV
3
4
2
1
T
402.2µs
LED OUT
ILED
IL
STROBE
Figure 4. Startup Flash Mode, VIN = 3.6 V, ILED = 1500 mA
CH1 5V
CH2 100mA
Ω
CH4 100mA
Ω
CH3 2V
M1.00ms
A CH1
600mV
3
4
2
1
T
4.16ms
LED OUT
ILED
GPIO1 (Torch)
IL
Figure 5. Startup Torch Mode, VIN = 3.6 V, ILED = 100 mA
CH1 2V
CH2 1A
Ω
CH4 500mA
Ω
CH3 1V
M100µs
A CH1
440mV
3
4
2
1
T
394.6µs
ILED
IL
VIN = 3.6V
STR
LED OUT
Figure 6. 100 mA Torch to 1500 mA Flash Transition
CH1 2V
CH2 100mA
Ω
CH4 25mA
Ω
M100ns
A CH1
1.6V
4
2
1
T
4.16007ms
ILED
SW
IL
Figure 7. Switching Waveforms, Flash Mode, ILED = 1500 mA
CH1 5V
CH2 100mA
Ω
CH4 100mA
Ω
CH3 2V
M1ms
A CH2
88mA
3
4
2
1
T
30.40%
VIN
LED OUT
ILED
IL
Figure 8. Pass Through to Boost Mode Transition, ILED = 100 mA
CH1 2V
CH4 500mA
Ω
CH3 1V
M10µs
A CH1
680mV
3
4
2
1
T 30.60%
CH2 1A
Ω
LED OUT
IBAT
ILED
GPIO1 (TxMASK1)
Figure 9. Entry into TxMASK Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com