Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 14Page - Analog Devices ADP1650 Datasheet HTML 15Page - Analog Devices ADP1650 Datasheet HTML 16Page - Analog Devices ADP1650 Datasheet HTML 17Page - Analog Devices ADP1650 Datasheet HTML 18Page - Analog Devices ADP1650 Datasheet HTML 19Page - Analog Devices ADP1650 Datasheet HTML 20Page - Analog Devices ADP1650 Datasheet HTML 21Page - Analog Devices ADP1650 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP1650
Rev. 0 | Page 18 of 32
SAFETY FEATURES
For critical fault conditions, such as output overvoltage, flash
timeout, LED output short circuit, and overtemperature
conditions, the ADP1650 has built-in protection modes. If a
critical fault occurs, OUTPUT_EN (Register 0x04) is set to 0,
and the driver shuts down. The appropriate fault bit is set in the
fault information register (Register 0x05). The processor can
read the fault information register through the I2C interface to
determine the nature of the fault condition. When the fault
register is read, the fault bit is cleared.
If a noncritical event such as an indicator LED open/short or a
TxMASK1 or TxMASK2 event occurs or the dc current limit or
soft inductor current limit is hit, the LED driver continues
operating. The corresponding information bits are set in the
fault information register until the processor reads them.
SHORT-CIRCUIT FAULT
When the flash driver is disabled, the high side current regulator
disconnects the dc path between the battery and the LED, pro-
tecting the system from an LED short circuit. The LED_OUT
pin features short-circuit protection that monitors the LED
voltage when the LED driver is enabled. If the LED_OUT pin
remains below the short-circuit detection threshold, a short
circuit is detected. Bit 6 of the fault information register is set
high. The ADP1650 remains disabled until the processor clears
the fault register.
OVERVOLTAGE FAULT
The ADP1650 contains a comparator at the VOUT pin that
monitors the voltage between VOUT and GND. If the voltage
exceeds 5.5 V (typical), the ADP1650 shuts down. Bit 7 in the
fault information register is read back as high. The ADP1650 is
disabled until the fault is cleared, ensuring protection against an
open circuit.
DYNAMIC OVERVOLTAGE MODE (DOVP)
Dynamic OVP mode is a programmable feature that limits the
VOUT voltage exceeding the OVP level while maintaining as
much current as possible through the LED. This mode prevents
an overvoltage fault in the case of a much higher than expected
LED forward voltage. If the LED forward voltage reduces due to
the LED temperature rising, the ADP1650 moves out of DOVP
mode and regulates the LED at the programmed current level.
Set Bit 7 of Register 0x07 high to enable dynamic OVP mode.
TIMEOUT FAULT
When external strobe mode is enabled (Register 0x04, Bit 2),
and strobe is set to level-sensitive mode (Register 0x04, Bit 5),
if the strobe pin remains high for longer than the programmed
timeout period, the timeout fault bit (Register 0x05, Bit 4) is
read back as high. The ADP1650 remains disabled until the
processor clears the fault register.
OVERTEMPERATURE FAULT
If the junction temperature of the ADP1650 rises above 150°C,
a thermal protection circuit shuts down the device. Bit 5 of the
fault information register is set high. The ADP1650 remains
disabled until the processor clears the fault register.
INDICATOR LED FAULT
The GPIO2 pin features open- and short-circuit protection in
the indicator LED mode. If a short or open circuit occurs, Bit 2
of the fault information register is set high. The indicator LED
regulator ensures that no damage occurs to the IC during a fault.
CURRENT LIMIT
The internal switch limits battery current by ensuring that the
peak inductor current does not exceed the programmed limit
(current limit is set by Bit 6 and Bit 7 in Register 0x04). The
default mode of the ADP1650 is soft current limit mode. If the
peak inductor current hits the limit, Bit 1 of the fault informa-
tion register is set, and the inductor and LED current cannot
increase further. The ADP1650 continues to operate. If the
ADP1650 has soft current limit disabled and the peak inductor
current exceeds the limit, the part shuts down and Bit 1 of the
fault information register is set high. In this case, ADP1650
remains disabled until the processor clears the fault register.
INPUT UNDERVOLTAGE
The ADP1650 includes a battery undervoltage lockout circuit.
During 5 V or LED operation, if the battery voltage drops below
the 2.4 V (typical) input UVLO threshold, the ADP1650 shuts
down. A power-on reset circuit resets the registers to their
default conditions when the voltage rises above the UVLO
rising threshold.
SOFT START
The ADP1650 has a soft start mode that controls the rate of
increase of battery current at startup by digitally controlling the
output current ramp. The maximum soft start time is 0.6 ms.
RESET USING THE ENABLE (EN) PIN
A low-to-high transition on the EN pin resets all registers to
their default values. Bringing EN low reduces the Iq to 0.2 µA
(typical).
CLEARING FAULTS
Information bits and faults in Register 0x05 clear automatically
when the processor reads the fault register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com