Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 3 Page - Analog Devices

  ADP1650 Datasheet HTML 1Page - Analog Devices ADP1650 Datasheet HTML 2Page - Analog Devices ADP1650 Datasheet HTML 3Page - Analog Devices ADP1650 Datasheet HTML 4Page - Analog Devices ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADP1650
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VIN1
Parameter2
= 3.6 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 1.
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
2.7
5.0
V
Undervoltage Lockout Threshold
VIN falling
2.3
2.4
2.5
V
Undervoltage Lockout Hysteresis
50
100
150
mV
Shutdown Current, EN = 0 V
TJ = −40°C to +85°C, current into VIN pin, VIN = 2.7 V to 4.5 V
0.2
1
µA
Standby Current, EN = 1.8 V
TJ = −40°C to +85°C, current into VIN pin, VIN = 2.7 V to 4.5 V
3
10
µA
Operating Quiescent Current
Torch mode, LED current = 100 mA
5.3
mA
SW Switch Leakage
TJ = −40°C to +85°C, VSW3 = 4.5 V
2
µA
TJ = 25°C, VSW 3 = 4.5 V
0.5
µA
LED DRIVER
LED Current
Assist Light, Torch
Assist light value setting = 0 (000 binary)
25
mA
Assist light value setting = 7 (111 binary)
200
mA
Flash
Flash value setting = 0 (00000 binary)
300
mA
Flash value setting = 24 (11000 binary)
1500
mA
LED Current Error
ILED = 700 mA to 1100 mA
−6
+6
%
ILED = 300 mA to 650 mA, 1150 mA to 1500mA
−7
+7
%
ILED = 75 mA to 200 mA
−10
+10
%
ILED = 25 mA to 50mA
−15
+15
%
LED Current Source Headroom
Flash, 1200 mA LED current
290
mV
Torch, 200 mA LED current
190
mV
LED_OUT Ramp-Up Time
0.6
ms
LED_OUT Ramp-Down Time
0.1
ms
SWITCHING REGULATOR
Switching Frequency
Switching frequency = 3 MHz
2.8
3
3.2
MHz
Switching frequency = 1.5 MHz
1.4
1.5
1.6
MHz
Minimum Duty Cycle
Switching frequency = 3 MHz
14
%
Switching frequency = 1.5 MHz
7
%
N-FET Resistance
60
mΩ
P-FET Resistance
50
mΩ
Voltage Output Mode
VOUT Voltage
4.575
5
5.425
V
Output Current
500
mA
Line Regulation
ILOAD at VOUT = 300 mA
0.3
%/V
Load Regulation
−0.7
%/A
Pass-Through Mode Transition, Flash
VIN to LED_OUT, Entry
1200 mA LED current
580
mV
VIN to LED_OUT Exit
1200 mA LED current
435
mV
Pass-Through Mode Transition, Torch
VIN to LED_OUT, Entry
200 mA LED current
380
mV
VIN to LED_OUT, Exit
200 mA LED current
285
mV
DIGITAL INPUTS/GPIO
Input Logic Low Voltage
0.54
V
Input Logic High Voltage
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com