Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 12Page - Analog Devices ADP1650 Datasheet HTML 13Page - Analog Devices ADP1650 Datasheet HTML 14Page - Analog Devices ADP1650 Datasheet HTML 15Page - Analog Devices ADP1650 Datasheet HTML 16Page - Analog Devices ADP1650 Datasheet HTML 17Page - Analog Devices ADP1650 Datasheet HTML 18Page - Analog Devices ADP1650 Datasheet HTML 19Page - Analog Devices ADP1650 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP1650
Rev. 0 | Page 16 of 32
LED VF Mode
The ADC can measure the LED VF in both flash and assist/
torch modes. In torch mode, set ADC_EN = 01 to begin a
conversion. The value can be read back from the ADC_VAL[5:2]
bits 1 ms after the conversion has started. Assist/torch mode,
rather than flash mode, is best in the handset production test to
verify the LED VF.
REG 0x08, ADC_EN > 0
START CONVERSION
(INTERNAL SIGNAL)
1ms
ADC_VAL[5:2]
AVAILABLE FOR READ
I2C DATA BUS
Figure 36. ADC Timing for All Modes Except VF Measurement in Flash Mode
In flash mode, set ADC_EN = 01. The conversion happens just
before the timeout occurs; therefore, the FL_TIM bits set when
the ADC sample occurs. This allows the VF to settle from the
initial peak as the junction temperature of the LED stabilizes.
An LED temperature vs. flash time profile for the handset PCB
design can be generated during the design phase by varying the
FL_TIM bits from the lowest to the highest setting and collecting a
VF sample on each flash.
LED CURRENT
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
REG 0x04, OUTPUT_EN = 1
STR_LV = 0
LED_MOD = 11
I2C DATA BUS
0A
I(FLASH)
STROBE
FL_TIM
START CONVERSION
(INTERNAL SIGNAL)
ADC_VAL[5:2]
AVAILABLE FOR READ
REG 0x08, ADC_EN = 01
tS = 1ms
Figure 37. ADC Timing for VF Measurement in Flash Mode
Die Temperature Mode
The ADC measures the IC die temperature and provides the
result to the I2C interface. This is useful during the design phase
of the flash system to optimize PCB layout for the best thermal
design.
Write ADC_EN = 10 to begin a die temperature measurement.
The value can be read back from the ADC_VAL[5:2] bits 1 ms
after the conversion has started. The most stable and accurate
value of die temperature is available at the end of the flash pulse.
External Voltage Mode
The ADC measures the voltage on the GPIO2 pin when the
GPIO2 is configured as an ADC input by setting IO2_CFG =
11. One example is using an external temperature-dependent
resistor to create a voltage based on the temperature of the flash
LED. The EN line can be used for biasing to reduce leakage
current when the flash is not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com