Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 2 Page - Analog Devices

  ADP1650 Datasheet HTML 1Page - Analog Devices ADP1650 Datasheet HTML 2Page - Analog Devices ADP1650 Datasheet HTML 3Page - Analog Devices ADP1650 Datasheet HTML 4Page - Analog Devices ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADP1650
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Specifications: Input and Output Capacitance
and Inductance ............................................................................. 4
I2C-Compatible Interface Timing Specifications ..................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Data ................................................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 12
White LED Driver ...................................................................... 12
Modes of Operation ................................................................... 12
Assist Light .................................................................................. 13
Flash Mode .................................................................................. 13
Assist to Flash Operation .......................................................... 13
Torch Mode ................................................................................. 13
Torch-to-Flash Mode ................................................................. 14
TxMASK Operation................................................................... 14
Frequency Foldback ................................................................... 14
Indicator LED Driver................................................................. 14
Low Battery LED Current Foldback ........................................ 14
Programmable Battery DC Current Limit.............................. 15
Analog-to-Digital Converter Operation................................. 15
5 V Output Operation ............................................................... 17
Safety Features................................................................................. 18
Short-Circuit Fault ..................................................................... 18
Overvoltage Fault ....................................................................... 18
Dynamic Overvoltage Mode (DOVP)..................................... 18
Timeout Fault.............................................................................. 18
Overtemperature Fault .............................................................. 18
Indicator LED Fault ................................................................... 18
Current Limit.............................................................................. 18
Input Undervoltage .................................................................... 18
Soft Start ...................................................................................... 18
Reset Using the Enable (EN) Pin ............................................. 18
Clearing Faults............................................................................ 18
I2C Interface ................................................................................ 19
I2C Register Map............................................................................. 20
Applications Information .............................................................. 26
External Component Selection ................................................ 26
PCB Layout...................................................................................... 28
Outline Dimensions....................................................................... 29
Ordering Guide .......................................................................... 29
REVISION HISTORY
4/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com