Electronic Components Datasheet Search
  English  ▼

X  

2N7002KA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N7002KA
Description  N-channel TrenchMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002KA Datasheet(HTML) 3 Page - NXP Semiconductors

  2N7002KA Datasheet HTML 1Page - NXP Semiconductors 2N7002KA Datasheet HTML 2Page - NXP Semiconductors 2N7002KA Datasheet HTML 3Page - NXP Semiconductors 2N7002KA Datasheet HTML 4Page - NXP Semiconductors 2N7002KA Datasheet HTML 5Page - NXP Semiconductors 2N7002KA Datasheet HTML 6Page - NXP Semiconductors 2N7002KA Datasheet HTML 7Page - NXP Semiconductors 2N7002KA Datasheet HTML 8Page - NXP Semiconductors 2N7002KA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2N7002KA_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2008
3 of 11
NXP Semiconductors
2N7002KA
N-channel TrenchMOS FET
Fig 1.
Normalized total power dissipation as a
function of solder point temperature
Fig 2.
Normalized continuous drain current as a
function of solder point temperature
Tsp =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tsp (°C)
0
200
150
50
100
003aab946
40
80
120
Pder
(%)
0
Tsp (°C)
0
200
150
50
100
003aac033
40
80
120
Ider
( %)
0
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
I
der
I
D
I
D25
°C
()
--------------------
100 %
×
=
003aab788
10
-2
10
-1
1
10
1
10
10
2
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10 µ s
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com